Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64A Datasheet(PDF) 186 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 182Page - ATMEL Corporation ATmega64A Datasheet HTML 183Page - ATMEL Corporation ATmega64A Datasheet HTML 184Page - ATMEL Corporation ATmega64A Datasheet HTML 185Page - ATMEL Corporation ATmega64A Datasheet HTML 186Page - ATMEL Corporation ATmega64A Datasheet HTML 187Page - ATMEL Corporation ATmega64A Datasheet HTML 188Page - ATMEL Corporation ATmega64A Datasheet HTML 189Page - ATMEL Corporation ATmega64A Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 392 page
background image
186
8160C–AVR–07/09
ATmega64A
20.7.3
Receive Compete Flag and Interrupt
The USART Receiver has one flag that indicates the receiver state.
The Receive Complete n (RXCn) flag indicates if there are unread data present in the receive
buffer. This flag is one when unread data exist in the receive buffer, and zero when the receive
buffer is empty (i.e. does not contain any unread data). If the receiver is disabled (RXENn = 0),
the receive buffer will be flushed and consequently the RXCn bit will become zero.
When the Receive Complete Interrupt Enable n (RXCIEn) in UCSRnB is set, the USART
Receive Complete Interrupt will be executed as long as the RXCn flag is set (provided that
global interrupts are enabled). When interrupt-driven data reception is used, the receive com-
plete routine must read the received data from UDRn in order to clear the RXCn flag, otherwise
a new interrupt will occur once the interrupt routine terminates.
20.7.4
Receiver Error Flags
The USART Receiver has three error flags: Frame Error n (FEn), Data OverRun n (DORn) and
USART Parity Error n (UPEn). All can be accessed by reading UCSRnA. Common for the error
flags is that they are located in the receive buffer together with the frame for which they indicate
the error status. Due to the buffering of the error flags, the UCSRnA must be read before the
receive buffer (UDRn), since reading the UDRn I/O location changes the buffer read location.
Another equality for the error flags is that they can not be altered by software doing a write to the
flag location. However, all flags must be set to zero when the UCSRnA is written for upward
compatibility of future USART implementations. None of the error flags can generate interrupts.
The Frame Error n (FEn) flag indicates the state of the first stop bit of the next readable frame
stored in the receive buffer. The FEn flag is zero when the stop bit was correctly read (as one),
and the FEn flag will be one when the stop bit was incorrect (zero). This flag can be used for
detecting out-of-sync conditions, detecting break conditions and protocol handling. The FEn flag
is not affected by the setting of the USBSn bit in UCSRnC since the Receiver ignores all, except
for the first, stop bits. For compatibility with future devices, always set this bit to zero when writ-
ing to UCSRnA.
The Data OverRun n (DORn) flag indicates data loss due to a receiver buffer full condition. A
Data OverRun occurs when the receive buffer is full (two characters), it is a new character wait-
ing in the Receive Shift Register, and a new start bit is detected. If the DORn flag is set there
was one or more serial frame lost between the frame last read from UDRn, and the next frame
read from UDRn. For compatibility with future devices, always write this bit to zero when writing
to UCSRnA. The DORn flag is cleared when the frame received was successfully moved from
the Shift Register to the receive buffer.
The USART Parity Error n (UPEn) flag indicates that the next frame in the receive buffer had a
Parity Error when received. If parity check is not enabled the UPEn bit will always be read zero.
For compatibility with future devices, always set this bit to zero when writing to UCSRnA. For
more details see “Parity Bit Calculation” on page 179 and “Parity Checker” on page 186.
20.7.5
Parity Checker
The Parity Checker is active when the high USART Parity mode (UPMn1) bit is set. Type of par-
ity check to be performed (odd or even) is selected by the UPMn0 bit. When enabled, the Parity
Checker calculates the parity of the data bits in incoming frames and compares the result with
the parity bit from the serial frame. The result of the check is stored in the receive buffer together
with the received data and stop bits. The Parity Error n (UPEn) flag can then be read by software
to check if the frame had a Parity Error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com