Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 116 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 116 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 112Page - Analog Devices ADE5169 Datasheet HTML 113Page - Analog Devices ADE5169 Datasheet HTML 114Page - Analog Devices ADE5169 Datasheet HTML 115Page - Analog Devices ADE5169 Datasheet HTML 116Page - Analog Devices ADE5169 Datasheet HTML 117Page - Analog Devices ADE5169 Datasheet HTML 118Page - Analog Devices ADE5169 Datasheet HTML 119Page - Analog Devices ADE5169 Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 116 of 156
Mode 2 (8-Bit Timer/Counter with Autoreload)
Mode 2 configures the timer SFR (TH0, Address 0x8C) as an 8-bit
counter (TL0, Address 0x8A) with automatic reload, as shown in
Figure 99. Overflow from TL0 not only sets TF0 (Address 0x88[5])
but also reloads TL0 with the contents of TH0, which is preset by
software. The reload leaves TH0 unchanged.
TF0
INTERRUPT
P0.6/T0
GATE
INT0
C/T0 = 0
C/T0 = 1
fCORE
RELOAD
TH0
(8 BITS)
TL0
(8 BITS)
CONTROL
TR0
Figure 99. Timer/Counter 0, Mode 2
Mode 3 (Two 8-Bit Timer/Counters)
Mode 3 has different effects on Timer 0 and Timer 1. Timer 1 in
Mode 3 simply holds its count. The effect is the same as setting
TR1 = 0. Timer 0 in Mode 3 establishes TL0 and TH0 as two
separate counters. This configuration is shown in Figure 100.
TL0 uses the Timer 0 control bits, C/T0, Gate0 (see
),
TR0, TF0 (see
), and the
Table 113
Table 114
INT0 pin. TH0 is locked into
a timer function (counting machine cycles) and takes over the
use of TR1 and TF1 from Timer 1. Therefore, TH0 controls the
Timer 1 interrupt. Mode 3 is provided for applications requiring
an extra 8-bit timer or counter.
When Timer 0 is in Mode 3, Timer 1 can be turned on and off
by switching it out of and into its own Mode 3, or it can be used
by the serial interface as a baud rate generator. In fact, Timer 1
can be used in any application not requiring an interrupt from
Timer 1 itself.
CONTROL
CORE
CLK/12
TF0
TL0
(8 BITS)
INTERRUPT
P0.6/T0
GATE
TR0
TF1
TH0
(8 BITS)
INTERRUPT
fCORE/12
TR1
0
INT
fCORE
C/T0 = 0
C/T0 = 1
Figure 100. Timer/Counter 0, Mode 3
TIMER 2
Timer/Counter 2 Data Registers
Timer/Counter 2 also has two pairs of 8-bit data registers asso-
ciated with it: Timer 2 high byte SFR (TH2, Address 0xCD),
Timer 2 low byte SFR (TL2, Address 0xCC), Timer 2 reload/
capture high byte SFR (RCAP2H, Address 0xCB), and Timer 2
reload/capture low byte SFR (RCAP2L, Address 0xCA). These
SFRs are used both as timer data registers and as timer capture/
reload registers (see Table 120 to Table 123).
Timer/Counter 2 Operating Modes
The following sections describe the operating modes for Timer/
Counter 2. The operating modes are selected by bits in the Timer/
Counter 2 control SFR (T2CON, Address 0xC8), as shown in
Table 115 and Table 124.
Table 124. T2CON Operating Modes
RCLK or TCLK
CAP2
TR2
Mode
0
0
1
16-bit autoreload
0
1
1
16-bit capture
1
X
1
Baud rate
X
X
0
Off
16-Bit Autoreload Mode
The 16-bit autoreload mode has two options that are selected by
EXEN2 (Bit 3) in the Timer/Counter 2 control SFR (T2CON,
Address 0xC8). If EXEN2 = 0 when Timer 2 rolls over, it not only
sets TF2 but also causes the Timer 2 SFRs to be reloaded with the
16-bit value in both the Timer 2 reload/capture high byte SFR
(RCAP2H, Address 0xCB) and Timer 2 reload/capture low byte
SFR (RCAP2L, Address 0xCA), which are preset by software. If
EXEN2 = 1, Timer 2 performs the same events as when EXEN2 = 0
but adds a 1-to-0 transition at the external input pin, T2EX, which
triggers the 16-bit reload and sets EXF2 (T2CON[6]). Autoreload
mode is shown in Figure 101.
16-Bit Capture Mode
The 16-bit capture mode has two options that are selected by
EXEN2 (Bit 3) in the Timer/Counter 2 control SFR (T2CON,
Address 0xC8). If EXEN2 = 0, Timer 2 is a 16-bit timer or counter
that, upon overflowing, sets the Timer 2 overflow bit (TF2, Bit 7).
This bit can be used to generate an interrupt. If EXEN2 = 1, then
Timer 2 performs the same events as when EXEN2 = 0, but it
adds a l-to-0 transition on the T2EX external input, causing the
current value in the Timer 2 SFRs, TL2 (Address 0xCC) and TH2
(Address 0xCD) to be captured into the RCAP2L (Address 0xCA)
and RCAP2H (Address 0xCB) SFRs, respectively. In addition, the
transition at T2EX causes the EXF2 bit (Bit 6) in the T2CON SFR
(Address 0xC8) to be set, and EXF2, like TF2, can generate an
interrupt. Capture mode is shown in Figure 102. The baud rate
generator mode is selected by RCLK = 1 and/or TCLK = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com