Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 118 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 118 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 114Page - Analog Devices ADE5169 Datasheet HTML 115Page - Analog Devices ADE5169 Datasheet HTML 116Page - Analog Devices ADE5169 Datasheet HTML 117Page - Analog Devices ADE5169 Datasheet HTML 118Page - Analog Devices ADE5169 Datasheet HTML 119Page - Analog Devices ADE5169 Datasheet HTML 120Page - Analog Devices ADE5169 Datasheet HTML 121Page - Analog Devices ADE5169 Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 118 of 156
PLL
The ADE5166/ADE5169/ADE5566/ADE5569 are intended for
use with a 32.768 kHz watch crystal. A PLL locks onto a multiple
of this frequency to provide a stable 4.096 MHz clock for the
system. The core can operate at this frequency or at binary
submultiples of it to allow power savings when maximum core
performance is not required. The default core clock is the PLL clock
divided by 4, or 1.024 MHz. The ADE energy measurement clock
is derived from the PLL clock and is maintained at 4.096 MHz/
5 MHz (or 819.2 kHz) across all CD settings.
The PLL is controlled by the CD bits in the power control SFR
(POWCON, Address 0xC5[2:0]). To prevent erroneous changes
to the POWCON SFR, a key is required to modify the register.
First, the key SFR (KYREG, Address 0xC1) is written with the
key, 0xA7, and then a new value is written to the POWCON SFR.
If the PLL loses lock, the MCU is reset and PLL_FLT is set in the
peripheral configuration SFR (PERIPH, Address 0xF4[4]). Set the
PLLACK bit in the start ADC measurement SFR (ADCGO,
Address 0xD8[7]) to acknowledge the PLL fault, clearing the
PLL_FLT bit.
PLL REGISTERS
Table 125. Power Control SFR (POWCON, Address 0xC5)
Bit
Mnemonic
Default
Description
7
Reserved
1
Reserved.
6
METER_OFF
0
Set this bit to 1 to turn off the modulators and energy metering DSP circuitry to reduce power if
metering functions are not needed in PSM0.
5
Reserved
0
This bit should be kept at 0 for proper operation.
4
COREOFF
0
Set this bit to 1 to shut down the core if in the PSM1 operating mode.
3
Reserved
Reserved.
[2:0]
CD
010
Controls the core clock frequency (fCORE). fCORE = 4.096 MHz/2CD.
CD
Result (fCORE in MHz)
000
4.096
001
2.048
010
1.024
011
0.512
100
0.256
101
0.128
110
0.064
111
0.032
Writing to the Power Control SFR (POWCON, Address 0xC5)
Note that writing data to the POWCON SFR involves writing 0xA7 into the key SFR (KYREG, Address 0xC1), followed by a write to the
POWCON SFR.
Table 126. Key SFR (KYREG, Address 0xC1)
Bit
Mnemonic
Default
Description
[7:0]
KYREG
0
Write 0xA7 to the KYREG SFR before writing to the POWCON SFR to unlock it.
Write 0xEA to the KYREG SFR before writing to the INTPR, HTHSEC, SEC, MIN, or HOUR timekeeping
registers to unlock them (see the RTC Registers section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com