Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 122 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 122 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 118Page - Analog Devices ADE5169 Datasheet HTML 119Page - Analog Devices ADE5169 Datasheet HTML 120Page - Analog Devices ADE5169 Datasheet HTML 121Page - Analog Devices ADE5169 Datasheet HTML 122Page - Analog Devices ADE5169 Datasheet HTML 123Page - Analog Devices ADE5169 Datasheet HTML 124Page - Analog Devices ADE5169 Datasheet HTML 125Page - Analog Devices ADE5169 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 122 of 156
Table 130. RTC Pointer Address SFR (RTCPTR, Address 0xA3)
Bit
Mnemonic
Default
Description
7
RTCW_RB
0
Read/write selection.
RTCW_RB
Result
0
The RTC register at RTC_ADDRESS (Bits[4:0]) is read into the RTCDAT SFR
(Address 0xA4).
1
The data in the RTCDAT SFR is written in the RTC register at RTC_ADDRESS
(Bits[4:0]). This operation is completed only if the KYREG SFR (Address 0xC1)
is set to 0xEA, the instruction before writing to the RTCDAT SFR.
[6:5]
Reserved
N/A
Reserved.
[4:0]
RTC_ADDRESS
0
Target address for read/write operation.
Table 131. RTC Pointer Data SFR (RTCDAT, Address 0xA4)
Bit
Mnemonic
Default
Description
[7:0]
RTC_DATA
0
Location of data for read/write RTC operation.
Table 132. RTC Nominal Compensation SFR (RTCCOMP, Address 0xF6)
Bit
Mnemonic
Default
Description
[7:0]
RTCCOMP
0
Holds the nominal RTC compensation value at 25°C. Note that this register is reset after a
watchdog reset, an external reset, or a power-on reset (POR).
Table 133. RTC Temperature Compensation SFR (TEMPCAL, Address 0xF7)
Bit
Mnemonic
Default
Description
[7:0]
TEMPCAL
0
Calibrates the RTC over temperature. This allows the external crystal shift to be compensated
over temperature. Note that this register is reset after a watchdog reset, an external reset, or a
power-on reset (POR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com