Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 124 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 124 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 120Page - Analog Devices ADE5169 Datasheet HTML 121Page - Analog Devices ADE5169 Datasheet HTML 122Page - Analog Devices ADE5169 Datasheet HTML 123Page - Analog Devices ADE5169 Datasheet HTML 124Page - Analog Devices ADE5169 Datasheet HTML 125Page - Analog Devices ADE5169 Datasheet HTML 126Page - Analog Devices ADE5169 Datasheet HTML 127Page - Analog Devices ADE5169 Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 124 of 156
Table 135. RTC Calibration Configuration Register (RTC_CAL, Address 0x0F)
Bit
Mnemonic
Default
Description
7
CAL_EN_PSM2
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on P0.5/MISO/ZX in PSM2
mode. The RTC output is disabled on all other pins in PSM2 mode.
6
CAL_EN
0
RTC calibration enable output.
CAL_EN
Result
0
The RTC calibration output signal is disabled
1
The RTC calibration output signal is enabled and present on the pins selected by
the RTC_P2P3, RTC_P1P2, RTC_P0P7, and RTC_P0P5 bits (Bits[3:0]).
[5:4]
FSEL[1:0]
00
RTC calibration output frequency selection.
FSEL
Frequency
Calibration Window
00
1 Hz
30.5 sec
01
512 Hz
30.5 sec
10
500 Hz
0.244 sec
11
16 kHz
0.244 sec
3
RTC_P2P3
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on the P2.3/SDEN/TxD2 pin.
2
RTC_P1P2
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on the P1.2/FP25/ZX pin.
1
RTC_P0P7
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on the P0.7/SS/T1/RxD2 pin.
0
RTC_P0P5
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on the P0.5/MISO/ZX pin.
RTC CALENDAR
The RTC has a full calendar, taking into account leap years. The rollover of the date to increment the month is implemented according to the
parameters shown in Table 136.
Table 136. Month Rollover
MONTH Register
Rollover Value
Estimated Month
0x01
31
January
0x02
28 or 29 days (see Table 137)
February
0x03
31
March
0x04
30
April
0x05
31
May
0x06
30
June
0x07
31
July
0x08
31
August
0x09
30
September
0x0A
31
October
0x0B
30
November
0x0C
31
December



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com