Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 126 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 126 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 122Page - Analog Devices ADE5169 Datasheet HTML 123Page - Analog Devices ADE5169 Datasheet HTML 124Page - Analog Devices ADE5169 Datasheet HTML 125Page - Analog Devices ADE5169 Datasheet HTML 126Page - Analog Devices ADE5169 Datasheet HTML 127Page - Analog Devices ADE5169 Datasheet HTML 128Page - Analog Devices ADE5169 Datasheet HTML 129Page - Analog Devices ADE5169 Datasheet HTML 130Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 126 of 156
RTC CRYSTAL COMPENSATION
faster than in the normal mode, resulting in timekeeping registers
that represent seconds/125, minutes/125, and hours/125, instead
of seconds, minutes, and hours. Therefore, this mode should be
used for calibration only.
Table 138. RTC Calibration Options
Option
FSEL Bits
The RTC provides registers to compensate for the tolerance of
the crystal frequency and its variation over temperature. Up to
±248 ppm frequency error can be calibrated out by the RTC
circuitry. The compensation is fully digital and implemented
by adding or subtracting pulses from the crystal clock signal.
Calibration
Window (sec)
fRTCCAL
(Hz)
Normal Mode 0
00
The resolution of the RTC nominal compensation SFR
(RTCCOMP, Address 0xF6) is ±2 ppm/LSB, or 0.17 sec/day/LSB.
The RTC compensation circuitry adds the RTC temperature com-
pensation SFR (TEMPCAL, Address 0xF7) and the RTCCOMP
SFR to determine how much compensation is required. The sum
of these two registers is limited to ±248 ppm, or 42.85 sec/day.
30.5
1
Normal Mode 1
01
30.5
512
Calibration Mode 0
10
0.244
500
Calibration Mode 1
11
0.244
16,000
When no RTC compensation is applied, with RTCCOMP and
TEMPCAL equal to zero, the nominal compensation required
to account for the error in the external crystal can be deter-
mined. In this case, it is not necessary to wait for an entire
calibration window to determine the error in the pulse output.
Calculating the error in frequency between two consecutive
pulses on the RTC calibration pin is sufficient.
RTC Calibration
The nominal crystal frequency can be calibrated by adjusting
the RTCCOMP SFR so that the clock going into the RTC is
precisely 32.768 kHz at 25°C.
Calibration Flow
An RTC calibration pulse output is on up to four pins configured
by the four LSBs in the RTC calibration configuration register
(RTC_CAL, Address 0x0F). Enable the RTC output by setting
the CAL_EN bit (RTC_CAL[6]).
The value to write to the RTCCOMP SFR is calculated from the
% error or seconds per day error on the frequency output. Each
bit of the RTCCOMP SFR represents 2 ppm of correction, where
1 sec/day error is equal to 11.57 ppm.
The RTC calibration is accurate to within ±2 ppm over a 30.5 sec
window in all operational modes: PSM0, PSM1, and PSM2. Two
output frequencies are offered for the normal RTC mode: 1 Hz
with the FSEL bits = 00 and 512 Hz with the FSEL bits = 01
(RTC_CAL[5:4]).
RTCCOMP = 5000 × (% Error)
RTCCOMP =
57
.
11
2
1
×
× (second/day Error)
During calibration, user software writes the current time to the
RTC. Refer to the Access to Internal RTC Registers section for
more information on how to read and write to the RTC time-
keeping registers.
A shorter window of 0.244 sec is offered for fast calibration during
PSM0 or PSM1 mode. Two output frequencies are offered for this
RTC calibration output mode: 500 Hz with the FSEL bits = 10 and
16 kHz with the FSEL bits = 11 (RTC_CAL[5:4]). Note that for
the 0.244 sec calibration window, the RTC is clocked 125 times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com