Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 136 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 136 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 132Page - Analog Devices ADE5169 Datasheet HTML 133Page - Analog Devices ADE5169 Datasheet HTML 134Page - Analog Devices ADE5169 Datasheet HTML 135Page - Analog Devices ADE5169 Datasheet HTML 136Page - Analog Devices ADE5169 Datasheet HTML 137Page - Analog Devices ADE5169 Datasheet HTML 138Page - Analog Devices ADE5169 Datasheet HTML 139Page - Analog Devices ADE5169 Datasheet HTML 140Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 136 of 156
UART2 OPERATION MODES
The UART2 has two operation modes in which each data byte
(LSB first) is preceded by a start bit (0), followed by a stop bit
(1). Therefore, each frame consists of 10 bits transmitted on the
TxD2 pin or received on the RxD2 pin.
The baud rate is set by a dedicated timer for baud rate genera-
tion, the UART2 timer, which has a fractional divisor to precisely
generate any baud rate.
Transmission is initiated by a write to the Serial Port 2 buffer SFR
(SBUF2, Address 0xEB). Next, a stop bit (1) is loaded into the
ninth bit position of the serial port shift register. The data is output
bit by bit until the stop bit appears on the TxD2 pin, and the
Serial Port 2 transmit interrupt flag, TI2 (SCON2[1]) is auto-
matically set, as shown in Figure 110.
TxD2
TI2
(SCON2[1])
START
BIT
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
SET INTERRUPT
(FOR EXAMPLE,
READY FOR MORE DATA)
Figure 110. 8-Bit Variable Baud Rate
Reception is initiated when a 1-to-0 transition is detected on the
RxD2 pin. Assuming that a valid start bit is detected, character
reception continues. The eight data bits are clocked into the
serial port shift register.
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
•
If the extended UART is disabled (EXTEN = 0, CFG[6]),
RI2 (SCON2[0]) must be 0 to receive a character. This ensures
that the data in the SBUF2 SFR is not overwritten if the last
received character has not been read.
•
If frame error checking is enabled by setting FE2 (SCON2[4]),
the received stop bit must be set to receive a character. This
ensures that every character received comes from a valid
frame, with both a start bit and a stop bit.
If any of these conditions is not met, the received frame is irre-
trievably lost, and the Serial Port 2 receive interrupt flag, RI2
(SCON2[0]), is not set.
If the received frame meets the preceding conditions, the fol-
lowing events occur:
•
The eight bits in the receive shift register are latched into
SBUF2.
•
The Serial Port 2 receiver interrupt flag (RI2) is set.
Transmission is initiated by any instruction that uses SBUF2 as
a destination register. Reception is initiated by the incoming start
bit if REN2 = 1 in the SCON2 SFR, Address0xE1[2].
9-Bit UART2 with Variable Baud Rate
Setting EN-T8 (SCON2[6]) selects the 9-bit mode. In this mode,
the UART2 serial port operates in 9-bit mode with a variable baud
rate. The baud rate is set by a dedicated timer for baud rate gen-
eration, the UART2 timer, which has a fractional divisor to
precisely generate any baud rate (see the UART2 Timer Generated
Baud Rates section). The operation of the 9-bit UART2 is the
same as for the 9-bit mode of the UART.
In both modes, transmission is initiated by any instruction that
uses SBUF2 as a destination register. Reception is initiated in
8-bit mode when RI2 = 0 and REN2 = 1 in the SCON2 SFR. Recep-
tion is initiated in the 9-bit mode by the incoming start bit if
REN2 = 1.
UART2 BAUD RATE GENERATION
The baud rate is determined by the overflow rate of the dedicated
baud rate generator, the UART2 timer, which has an integer and
fractional divisor.
UART2 Timer Generated Baud Rates
The enhanced Serial Baud Rate Control 2 SFR (SBAUD2,
Address 0xEE) is used to control the UART2 timer. SBAUD2 is
the baud rate control SFR; it sets up the integer divider (DIV2,
SBAUD2[2:0]) and the extended divider (SBTH2, SBAUD2[4:3])
for the UART2 timer.
The desired value to write to DIV2 and to SBTH2 can be cal-
culated using the following formula, where fcore is defined in the
POWCON SFR. Note that the DIV2 value must be rounded
down to the nearest integer.
DIV2 + SBTH2 =
()
2
log
16
log
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
Rate
Baud
f
core
SBAUDF2 is the fractional divider ratio required to achieve the
required baud rate. The appropriate value for SBAUDF2 can be
calculated with the following formula:
SBAUDF2 =
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
×
×
+
1
2
16
64
2
2
Rate
Baud
f
SBTH
DIV
core
Note that SBAUDF2 can take only two values, 0x2B or 0x07, by
clearing or by setting the SBF2 bit (SBAUD2[5]), respectively.
These values were chosen to provide an accurate baud rate for
300, 2400, 4800, 9600, 19,200, 38,400, 57,600, and 115,200 bps.
When DIV2 and SBAUDF2 are calculated, the actual baud rate
can be calculated, using the following formula:
Actual Baud Rate =
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
+
64
2
1
2
16
2
2
SBAUDF
f
SBTH
DIV
core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com