Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 138 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 138 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 134Page - Analog Devices ADE5169 Datasheet HTML 135Page - Analog Devices ADE5169 Datasheet HTML 136Page - Analog Devices ADE5169 Datasheet HTML 137Page - Analog Devices ADE5169 Datasheet HTML 138Page - Analog Devices ADE5169 Datasheet HTML 139Page - Analog Devices ADE5169 Datasheet HTML 140Page - Analog Devices ADE5169 Datasheet HTML 141Page - Analog Devices ADE5169 Datasheet HTML 142Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 138 of 156
SERIAL PERIPHERAL INTERFACE (SPI)
The ADE5166/ADE5169/ADE5566/ADE5569 integrate a complete
hardware serial peripheral interface on chip. The SPI is full duplex
so that eight bits of data are synchronously transmitted and simul-
taneously received. This SPI implementation is double buffered,
allowing users to read the last byte of received data while a new
byte is shifted in. The next byte to be transmitted can be loaded
while the current byte is shifted out.
The SPI port can be configured for master or slave operation.
The physical interface to the SPI is via the MISO (P0.5/MISO/ZX),
MOSI (P0.4/MOSI/SDATA), SCLK (P0.6/SCLK/T0), and SS
(P0.7/SS/T1/RxD2) pins, while the firmware interface is via the
SFRs listed in
.
Table 150
Note that the SPI pins are shared with the I2C pins. Therefore, the
user can enable only one interface at a time. The SCPS bit in the
configuration SFR (CFG, Address 0xAF[5]) selects which peri-
pheral is active.
SPI REGISTERS
Table 150. SPI SFR List
SFR Address
Mnemonic
R/W
Length (Bits)
Default
Description
0x9A
SPI2CTx
W
8
0
SPI/I2C transmit buffer (see Table 151).
0x9B
SPI2CRx
R
8
0
SPI/I2C receive buffer (see Table 152).
0xE8
SPIMOD1
R/W
8
0x10
SPI Configuration SFR 1 (see Table 153).
0xE9
SPIMOD2
R/W
8
0
SPI Configuration SFR 2 (see Table 154).
0xEA
SPISTAT
R/W
8
0
SPI interrupt status (see Table 155).
Table 151. SPI/I2C Transmit Buffer SFR (SPI2CTx, Address 0x9A)
Bit
Mnemonic
Default
Description
[7:0]
SPI2CTx
0
SPI or I2C transmit buffer. When the SPI2CTx SFR is written, its content is transferred to the transmit
FIFO input. When a write is requested, the FIFO output is sent on the SPI or I2C bus.
Table 152. SPI/I2C Receive Buffer SFR (SPI2CRx, Address 0x9B)
Bit
Mnemonic
Default
Description
[7:0]
SPI2CRx
0
SPI or I2C receive buffer. When the SPI2CRx SFR is read, one byte from the receive FIFO output is
transferred to the SPI2CRx SFR. A new data byte from the SPI or I2C bus is written to the FIFO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com