Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 147 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 147 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 143Page - Analog Devices ADE5169 Datasheet HTML 144Page - Analog Devices ADE5169 Datasheet HTML 145Page - Analog Devices ADE5169 Datasheet HTML 146Page - Analog Devices ADE5169 Datasheet HTML 147Page - Analog Devices ADE5169 Datasheet HTML 148Page - Analog Devices ADE5169 Datasheet HTML 149Page - Analog Devices ADE5169 Datasheet HTML 150Page - Analog Devices ADE5169 Datasheet HTML 151Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 147 of 156
I/O PORTS
PARALLEL I/O
The ADE5166/ADE5169/ADE5566/ADE5569 use three input/
output ports to exchange data with external devices. In addition
to performing general-purpose I/O, some ports are capable of
driving an LCD or performing alternate functions for the periph-
erals available on chip. In general, when a peripheral is enabled, the
pins associated with it cannot be used as general-purpose I/Os. The
I/O port can be configured through the SFRs listed in Table 160.
Table 160. I/O Port SFRs
SFR
Address
Bit Addressable
Description
P0
0x80
Yes
Port 0
P1
0x90
Yes
Port 1
P2
0xA0
Yes
Port 2
EPCFG
0x9F
No
Extended port
configuration
PINMAP0
0xB2
No
Port 0 weak
pull-up enable
PINMAP1
0xB3
No
Port 1 weak
pull-up enable
PINMAP2
0xB4
No
Port 2 weak
pull-up enable
The three bidirectional I/O ports have internal pull-ups that can
be enabled or disabled individually for each pin. The internal
pull-ups are enabled by default. Disabling an internal pull-up
causes a pin to become open drain. Weak internal pull-ups are
configured through the PINMAPx SFRs.
Figure 117 shows a typical bit latch and I/O buffer for an I/O pin.
The bit latch (one bit in the SFR of each port) is represented as a
Type D flip-flop, which clocks in a value from the internal bus
in response to a write-to-latch signal from the CPU. The Q out-
put of the flip-flop is placed on the internal bus in response to a
read latch signal from the CPU. The level of the port pin itself is
placed on the internal bus in response to a read pin signal from
the CPU. Some instructions that read a port activate the read
latch signal, and others activate the read pin signal. See the
Read-Modify-Write Instructions section for details.
READ
LATCH
INTERNAL
BUS
WRITE
TO LATCH
READ
PIN
D
CL
Q
LATCH
DVDD
Px.x
PIN
INTERNAL
PULL-UP
ALTERNATE
OUTPUT
FUNCTION
ALTERNATE
INPUT
FUNCTION
Q
CLOSED: PINMAPx.x = 0
OPEN: PINMAPx.x = 1
Figure 117. Port 0 Bit Latch and I/O Buffer
Weak Internal Pull-Ups Enabled
A pin with weak internal pull-up enabled is used as an input by
writing a 1 to the pin. The pin is pulled high by the internal pull-
up, and the pin is read using the circuitry shown in Figure 117.
If the pin is driven low externally, it sources current because of
the internal pull-up.
A pin with internal pull-up enabled is used as an output by writing
a 1 or a 0 to the pin to control the level of the output. If a 0 is
written to the pin, it drives a logic low output voltage (VOL) and
is capable of sinking 1.6 mA.
Open Drain (Weak Internal Pull-Ups Disabled)
When the weak internal pull-up on a pin is disabled, the pin
becomes open drain. Use this open-drain pin as a high impedance
input by writing a 1 to the pin. The pin is read using the circuitry
shown in Figure 117. The open-drain option is preferable for
inputs because it draws less current than the internal pull-ups
that were enabled.
38 kHz Modulation
Each ADE5166/ADE5169/ADE5566/ADE5569 provides a 38 kHz
modulation signal. The 38 kHz modulation is accomplished by
internally XOR’ing the level written to the I/O pin with a 38 kHz
square wave. Then, when a 0 is written to the I/O pin, it is
modulated as shown in Figure 118.
38kHz MODULATION
SIGNAL
38kHz MODULATED
OUTPUT PIN
LEVEL WRITTEN
TO MOD38
Figure 118. 38 kHz Modulation
Uses for this 38 kHz modulation include IR modulation of
a UART transmit signal or a low power signal to drive an LED.
The modulation can be enabled or disabled with the MOD38EN
bit in the configuration SFR (CFG, Address 0xAF[4]). The 38 kHz
modulation is available on eight pins, which are selected by the
MOD38 bits in the extended port configuration SFR (EPCFG,
Address 0x9F[7:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com