Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 151 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 151 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 147Page - Analog Devices ADE5169 Datasheet HTML 148Page - Analog Devices ADE5169 Datasheet HTML 149Page - Analog Devices ADE5169 Datasheet HTML 150Page - Analog Devices ADE5169 Datasheet HTML 151Page - Analog Devices ADE5169 Datasheet HTML 152Page - Analog Devices ADE5169 Datasheet HTML 153Page - Analog Devices ADE5169 Datasheet HTML 154Page - Analog Devices ADE5169 Datasheet HTML 155Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 151 of 156
PORT 0
Port 0 is controlled directly through the bit-addressable Port 0
SFR (P0, Address 0x80). The weak internal pull-ups for Port 0
are configured through the Port 0 weak pull-up enable SFR
(PINMAP0, Address 0xB2); they are enabled by default. The
weak internal pull-up is disabled by writing a 1 to PINMAP0[x].
Port 0 pins also have various secondary functions, as described
in Table 168. The alternate functions of Port 0 pins can be activated
only if the corresponding bit latch in the Port 0 SFR contains a 1.
PORT 1
Port 1 is an 8-bit bidirectional port controlled directly through
the bit-addressable Port 1 SFR (P1, Address 0x90). The weak
internal pull-ups for Port 1 are configured through the Port 1
weak pull-up enable SFR (PINMAP1, Address 0xB3); they are
enabled by default. The weak internal pull-up is disabled by
writing a 1 to PINMAP1[x].
Port 1 pins also have various secondary functions, as described in
Table 169. The alternate functions of Port 1 pins can be activated
only if the corresponding bit latch in the Port 1 SFR contains a 1.
PORT 2
Port 2 is a 4-bit bidirectional port controlled directly through
the bit-addressable Port 2 SFR (P2, Address 0xA0). Note that
P2.3 can be used as an output only. Consequently, any read
operation, such as a CPL P2.3, cannot be executed on this I/O.
The weak internal pull-ups for Port 2 are configured through
the Port 2 weak pull-up enable SFR (PINMAP2, Address 0xB4);
they are enabled by default. The weak internal pull-up is
disabled by writing a 1 to PINMAP2[x].
Port 2 pins also have various secondary functions, as described
in Table 170. The alternate functions of Port 2 pins can be activated
only if the corresponding bit latch in the Port 2 SFR contains a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com