Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34825 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
MIC
VBUS
…...
R1
R2
R3
RN-1
RN
HOLD
Audio_R
Audio_L
D+
D-
ID
GND
AUDIO
ACCESSORY
SEND/END
/
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
34825
FUNCTIONAL DEVICE OPERATION
OPERATION AFTER IDENTIFICATION
Figure 16. Audio Accessory with Remote Control and Microphone
20 ms
Key Press
20 ms
TKP
TLKP
KP
INT
LKP
LKR
INT
ADC Time
Interrupt Register read
Interrupt Register read
Interrupt Register read
20 ms
Figure 17. The Remote Control Key Pressing Timing
TEST ACCESSORY
The Test Accessories listed in Table 21 are special USB
cables and UART cables for test and R/D purpose. It has an
ID resistance to differentiate it from a regular USB cable or
UART cable. The test accessory has four ID resistance
values to distinguish the test cable type. The detection result
sets the TEST1 and the TEST2 outputs and turns on or off
the USB switches, UART switches, and the power MOSFET
automatically, as shown in the Table 8.
The TEST1 and the TEST2 outputs are High and Low
respectively by default but can be changed by the TEST1 and
TEST2 bits in the S/W Control 2 register, if the accessory is
NOT a test cable. If the accessory is a test cable, the TEST1
outputs Low always and the TEST2 is dependent on the
actual test cable. The TEST1 and TEST2 output cannot be
changed by the TEST1 and the TEST2 bits in the S/W
Control 2 register. The corresponding analog switches, either
USB or UART switches, are turned on automatically in the
case of a test cable. The TEST1, TEST2, and the switch
status are summarized in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com