Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34825 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34825
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VDD = 3.6 V, VBUS = 5.0 V, VDDIO = 3.0 V, -40°C ≤ TA ≤ 85°C (see Figure 1), unless
otherwise noted. Typical values noted reflect the approximate parameter means at VDD = 3.6 V and TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
VDD Supply Voltage
VDD
2.7
-
5.5
V
VDD Power-On-Reset Threshold
Rising edge
Hysteresis
VVDDPOR
-
-
2.5
100
2.65
-
V
mV
VDD Quiescent Current
In Standby mode
In Power Save mode
In Active mode (VDD < VBUS)
In Active mode (VDD > VBUS)
IVDD
-
-
-
-
9.0
16
550
850
12
22
650
1000
μA
VBUS Supply Voltage
VBUS
2.8
5.0
28
V
VBUS Detection Threshold Voltage
Rising edge
Hysteresis
VBUS_DET
-
-
2.65
150
2.80
-
V
mV
VBUS Supply Quiescent Current
In VBUS Power mode
In Active mode - Dedicated Charger
In Active mode - power MOSFET is off (VBUS < VDD)
IVBUS
-
-
-
-
-
-
1.2
1.2
0.5
mA
mA
μA
VBUS Over-voltage Protection Threshold
Rising edge
Hysteresis
VBUS_OVP
6.8
-
7.0
150
7.2
-
V
mV
VBUS Over-current Protection Threshold
Triggering threshold (at onset of OTP shutoff)
IBUS_OCP
1.2
1.8
2.2
A
Over-temperature Protection Threshold
Rising threshold
Falling threshold
TOTP
115
-
130
95
145
-
°C
VDDIO Supply Voltage
VDDIO
1.65
-
3.6
V
SWITCH
ISET Open-Drain Output MOSFET
On resistance (loaded by 3.0 mA current)
Leakage current (when the MOSFET is off at 5.0 V bias voltage)
RISETB
IISET_OFF
-
-
-
-
100
0.5
Ω
μA
OUT Pin Discharge MOSFET(1)
On resistance (loaded by 3.0 mA current)
Leakage current (when the MOSFET is off at 5.0 V bias voltage)
ROUT_DISC
IOUT_OFF
-
-
-
0.5
100
-
Ω
μA
Power MOSFET
On resistance (when VBUS = 5.0 V, TA< 50°C)
RPSW
-
200
250
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com