Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34825 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34825
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VDD = 3.6 V, VBUS = 5.0 V, VDDIO = 3.0 V, -40°C ≤ TA ≤ 85°C (see Figure 1), unless
otherwise noted. Typical values noted reflect the approximate parameter means at VDD = 3.6 V and TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER ON AND OFF DELAY
VDD Power-On-Reset Timing
VDD rising deglitch time
VDD falling deglitch time
tD2
tVDDDGT_F
7.0
1.7
8.5
2.5
10.2
3.5
ms
VBUS Detection Deglitch Time (for Both Rising and Falling Edges)(4)
tVBUS_DET
3.5
4.5
5.7
ms
VBUS Over-voltage Protection
Protection delay(2)(4)
Falling-edge deglitch time(3)
tOVPD
tOVPDGT_F
-
-
-
25
2.0
-
μs
VBUS Over-temperature Protection
MOSFET turning off speed when OTP occurs(4)
Deglitch time
tOTP_TO
tOTP_DGT
-
-
-
15
0.5
-
A/
μs
μs
OSCILLATOR
Oscillation Frequency
fOSC
85
100
112
kHz
SWITCHING DELAY
ID Detection Delay Time after VBUS Applied (Default Value is TD = 0100)
TD = 0000
TD = 0001
TD = 0010
TD = 0011
TD = 0100
......
TD = 1111
tD
-
-
-
-
-
......
-
100
200
300
400
500
......
1600
-
-
-
-
-
......
-
ms
ID DETECTION
ID Float Detection Deglitch Time
tID_FLOAT
-
20
-
ms
ID Shorted to Ground Detection Time (The Detection Current Source On Time)
tVCBL
-
20
-
ms
ADC
ADC Conversion Time
tCONV
-
1.0
-
ms
REMOTE CONTROL
Key Press Comparator Debounce Time
tRMTCON_DG
-
20
-
ms
RESET TIMING
Device Reset Time
tRSTDVC
-
10
-
μs
VDDIO Logic Input Timing
Rising edge deglitch time
Falling edge deglitch time
tVDDIODGT_R
tVDDIODGT_F
660
105
875
125
1130
150
μs
VDDIO Reset Timing
VDDIO reset pulse width
tRSTVDDIO
150
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com