Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34825 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34825
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
ID DETECTION
ID_Float Threshold
Detection threshold
VFLOAT
-
2.3
-
V
Pull-up Current Source
When ADC result is 1xxxx
When ADC result is 0xxxx
IID
1.9
30.4
2.0
32
2.1
33.6
μA
ID Shorted to Ground Detection
Detection current
Detection voltage threshold
IVCBL
VVCBL_L
1.0
-
1.2
50
1.4
-
mA
mV
LOGIC INPUT AND OUTPUT
VDDIO Logic Input Level
Input LOW level
Input HIGH level
VDDIO_IL
VDDIO_IH
-
1.5
-
-
0.5
-
V
V
Push-pull Logic Output (TEST2)
Output HIGH level (loaded by 1.0 mA current)
Output LOW level (loaded by 4.0 mA current)
VOH
VOL
0.7VDDIO
-
-
-
-
0.4
V
Open-Drain Logic Output (TEST1, INT)
Output LOW level (loaded by 4.0 mA current)
VODOL
-
-
0.4
V
I2C INTERFACE(4)
Low Voltage on I2C_SDA, I2C_SCL Inputs
VI2C_IL
-0.2
-
0.3VDDIO
V
High Voltage on I2C_SDA, I2C_SCL Inputs
VI2C_IH
0.7VDDIO
-
VDDIO
V
Low Voltage on I2C_SDA Output
VI2C_OL
-
-
0.4
V
Current Load when I2C_SDA Outputs Low Voltage
II2C_OL
0
-
4.0
mA
Leakage Current on I2C_SDA, I2C_SCL Outputs
II2C_LEAK
-1.0
-
1.0
μA
Input Capacitance of the I2C_SDA, I2C_SCL Pins
CI2CIN
-
-
8.0
pF
Notes
1.
The OUT pin discharge MOSFET is shown in Figure 15. This MOSFET will be turned on when the power MOSFET is off.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VDD = 3.6 V, VBUS = 5.0 V, VDDIO = 3.0 V, -40°C ≤ TA ≤ 85°C (see Figure 1), unless
otherwise noted. Typical values noted reflect the approximate parameter means at VDD = 3.6 V and TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com