Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34825 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34825 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
INTERFACE IC
34825
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34825EP/R2
-40°C to 85°C
3mm X 3mm
UTQFN
(PB-FREE)
98ASA00037D
20-PIN QFN
Document Number: MC34825
Rev 1.0, 8/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Micro-USB Interface IC
Supporting Universal Charging
Solution and Wired Accessories
The 34825 is designed to support the Universal Charging Solution
(UCS) recommended by the OMTP (Open Mobile Terminal Platform),
as well as to use the same 5-pin micro or mini-USB connector for other
wired accessories. The 34825 supports various types of external power
supplies, such as a dedicated ac/dc adapter or a USB port, to charge
the battery. It has functions built in to identify the type of the power
supply, and sets low or high charging current, based on the current
capability of the power supply. The 34825 monitors the power supply,
and offers an up to 28 V of over-voltage protection (OVP) to the cell
phone against failed power supplies. The 34825 also contains analog
switches to multiplex the 5 pins, to support UART and high speed USB
data communication, mono or stereo audio headset with or without a
microphone and a cord remote controller, manufacturing or research-
and-development (R/D) test cables, and other accessories.
The 34825 monitors both the VBUS status and the resistance
between the ID pin and the ground to identify the accessory being
plugged into the mini or micro-USB connector. A high-accuracy 5-bit
ADC is offered to distinguish 32 levels of ID resistance that are
assigned to buttons in a cord remote controller or to identification (ID)
resistors of accessories. After identifying the attached accessory, the
34825 sends an interrupt signal to a host IC and the host IC can
configure the analog switches via an I2C serial bus for further actions.
When the accessory is detached from the cell phone, an interrupt signal
is also sent to inform the host.
Features
• Identifies various types of power supplies to set low or high
battery-charging-current levels
• Internal power switch to offer OVP against up to 28 V
failed power supply input
• Supports stereo/mono headset with or without microphone
and remote controller with pure passive components
• Supports USB or UART R/D test cables
• High speed (480 Mbps) USB 2.0 compliant
• Supports 32 ID resistance values with a high accuracy 5-
bit ADC
• Accessory attachment and detachment detection with an
interrupt signal to the host IC
•I2C interface
•10
μA quiescent current in Standby mode
• Pb-free packaging designated by suffix code EP
I2C
VDDIO
I2C_SCL
BASEBAND
34825
I2C_SDA
INT
RXD
D-
TXD
D+
TEST2
SPK_L
ID
DP
DM
TEST1
SPK_R
MIC
ISET
OUT
VBUS
VDD
GND
CHARGER
GPIO
UART
USB XCVR
AUDIO
TEST PORT
VBUS
ID
D+
D-
GND
USB CONNECTOR
Li+
Figure 1. 34825 Simplified Application Diagram


Similar Part No. - 34825

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34825 FREESCALE-34825 Datasheet
971Kb / 39P
Micro-USB Interface IC
logo
Molex Electronics Ltd.
34825 MOLEX-34825 Datasheet
1Mb / 4P
Mini50™ Unsealed Connector System
2016.09 Rev. 4
34825-0125 MOLEX11-34825-0125 Datasheet
51Kb / 1P
Mini50 Unsealed, Dual Row, Vertical Header, 12 Circuit, Polarization Option B, Gray,Tray
34825-0126 MOLEX11-34825-0126 Datasheet
51Kb / 2P
Mini50 Unsealed, Dual Row, Vertical Header, 12 Circuit, Polarization Option B, Gray,Tray
34825-9124 MOLEX11-34825-9124 Datasheet
51Kb / 1P
Mini50 Unsealed, Dual Row, Vertical Header, 12 Circuit, Polarization Option A, Black, Tube
More results

Similar Description - 34825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36504 ETC1-ZR36504 Datasheet
298Kb / 74P
Video & Audio Interface solution via USB
logo
Teridian Semiconductor ...
73S8009CN TERIDIAN-73S8009CN Datasheet
355Kb / 30P
Combo ISO-7816 and USB Universal Smart Card Interface IC
logo
Freescale Semiconductor...
34825 FREESCALE-34825_10 Datasheet
971Kb / 39P
Micro-USB Interface IC
logo
Monolithic Power System...
MP5030C MPS-MP5030C Datasheet
900Kb / 17P
USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
Interface control chip supporting QC2.0 fast charging protocol
logo
ETA SOLUTIONS CO. LIMIT...
ETA2831 ETA-ETA2831 Datasheet
152Kb / 1P
36V Input, 3.5A output USB Charging Total Solution IC in QFN3x3-16
logo
SHENZHEN FUMAN ELECTRON...
FM100 FUMAN-FM100 Datasheet
292Kb / 9P
Fast charging interface IC
FM6600B FUMAN-FM6600B Datasheet
276Kb / 8P
USB charging interface intelligent control chip
FM6808 FUMAN-FM6808 Datasheet
672Kb / 8P
USB charging interface intelligent control chip
logo
Ultralife Corporation.
CH0006 ULTRALIFE-CH0006 Datasheet
184Kb / 2P
Vehicle charging solution
02 MAY 17 Rev: F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com