Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34825 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Table 19. Time Delay Register
Bit
Mode
Symbol
Reset
Description
Notes
3-0
R/W
TD
0100
Time delay to start the powered accessory identification flow after
detecting the VBUS voltage
0000: 100 ms
0001: 200 ms
0010: 300 ms
0011: 400 ms
0100: 500 ms
......
1111:1600 ms
7-4
R/W
Reserved
1001
Table 20. Device Mode Register
Bit
Mode
Symbol
Reset
Description
Notes
0
R/C
RST
1
This bit indicates if a chip reset has occurred. This bit will be cleared once
being read.
0: no.
1: Yes.
1
R/W
ACTIVE
0
Indicate either the device is in Active mode
0: Standby
1: Active
2
R/W
PSAVE
0
To indicate either the device is in Power Save mode
0: no
1: yes
7-3
Reserved
00000
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
REGISTER MAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com