Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTANG Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTANG Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTANG Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Pin States in Deep Sleep State
Freescale Semiconductor
114
Figure 75 shows the PLL power supply filter Circuit.
Figure 75. MPC8535E PLL Power Supply Filter Circuit
The AVDD_SRDSn signals provides power for the analog portions of the SerDes PLL. To ensure stability of the internal clock,
the power supplied to the PLL is filtered using a circuit similar to the one shown in following Figure 76. For maximum
effectiveness, the filter circuit is placed as closely as possible to the AVDD_SRDSn balls to ensure it filters out as much noise
as possible. The ground connection should be near the AVDD_SRDSn balls. The 0.003-µF capacitor is closest to the balls,
followed by the 1-µF capacitor, and finally the 1 ohm resistor to the board supply plane. The capacitors are connected from
AVDD_SRDSn to the ground plane. Use ceramic chip capacitors with the highest possible self-resonant frequency. All traces
should be kept short, wide and direct.
Figure 76. SerDes PLL Power Supply Filter Circuit
Note the following:
•AVDD should be a filtered version of SVDD.
•
Signals on the SerDes interface are fed from the XVDD power plane.
3.3
Pin States in Deep Sleep State
In all low power mode by default, all input and output pads remain driven as per normal functional operation. The inputs remain
enabled.
The exception is that in Deep Sleep mode, GCR[DEEPSLEEP_Z] can be used to tristate a subset of output pads, and disable
the receivers of input pads as defined in Table 1. See the MPC8536E PowerQUICC™ III Integrated Processor Reference
Manual
for details.
3.4
Decoupling Recommendations
Due to large address and data buses, and high operating frequencies, the device can generate transient power surges and high
frequency noise in its power supply, especially while driving large capacitive loads. This noise must be prevented from reaching
other components in the MPC8535E system, and the device itself requires a clean, tightly regulated source of power. Therefore,
it is recommended that the system designer place at least one decoupling capacitor at each VDD, TVDD, BVDD, OVDD, GVDD,
and LVDD pin of the device. These decoupling capacitors should receive their power from separate VDD,TVDD, BVDD, OVDD,
GVDD, and LVDD, and GND power planes in the PCB, utilizing short low impedance traces to minimize inductance. Capacitors
must be placed directly under the device using a standard escape pattern as much as possible. If some caps are to be placed
surrounding the part it should be routed with short and large trace to minimize the inductance.
VDD
AVDD
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω
2.2 µF 1
0.003 µF
GND
1.0
Ω
AVDD - SRDS
1. An 0805 sized capacitor is recommended for system initial bring-up
SnVDD
2.2 µF 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com