Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTANG Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTANG Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTANG Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8535EBVTANG Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Configuration Pin Muxing
Freescale Semiconductor
116
To measure Z0 for the single-ended drivers, an external resistor is connected from the chip pad to OVDD or GND. Then, the
value of each resistor is varied until the pad voltage is OVDD/2 (see Figure 77). The output impedance is the average of two
components, the resistances of the pull-up and pull-down devices. When data is held high, SW1 is closed (SW2 is open) and
RP is trimmed until the voltage at the pad equals OVDD/2. RP then becomes the resistance of the pull-up devices. RP and RN
are designed to be close to each other in value. Then, Z0 = (RP + RN)/2.
Figure 77. Driver Impedance Measurement
Table 81 summarizes the signal impedance targets. The driver impedances are targeted at minimum VDD, nominal OVDD,
105
°C.
3.9
Configuration Pin Muxing
The MPC8535E provides the user with power-on configuration options which can be set through the use of external pull-up or
pull-down resistors of 4.7 k
Ω on certain output pins (see customer visible configuration pins). These pins are generally used as
output only pins in normal operation.
While HRESET is asserted however, these pins are treated as inputs. The value presented on these pins while HRESET is
asserted, is latched when HRESET deasserts, at which time the input receiver is disabled and the I/O circuit takes on its normal
function. Most of these sampled configuration pins are equipped with an on-chip gated resistor of approximately 20 k
Ω. This
value should permit the 4.7-k
Ω resistor to pull the configuration pin to a valid logic low level. The pull-up resistor is enabled
only during HRESET (and for platform /system clocks after HRESET deassertion to ensure capture of the reset value). When
the input receiver is disabled the pull-up is also, thus allowing functional operation of the pin as an output with minimal signal
quality or delay disruption. The default value for all configuration bits treated this way has been encoded such that a high voltage
Table 81. Impedance Characteristics
Impedance
Local Bus, Ethernet, DUART,
Control, Configuration, Power
Management
PCI
DDR DRAM
Symbol Unit
RN
45 Target
45 Target (cfg_pci_impd=1)
25 Target (cfg_pci_impd=0)
18 Target (full strength mode)
36 Target (full strength mode)
Z0
Ω
RP
45 Target
45 Target (cfg_pci_impd=1)
25 Target (cfg_pci_impd=0)
18 Target (full strength mode)
36 Target (full strength mode)
Z0
Ω
Note: Nominal supply voltages. See Table 1.
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com