Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7637 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST7637 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 210 page
background image
ST7637
Ver 1.6
5/210
2009/03
145
VDD2
3515.65
-329.5
146
VDD2
3595.65
-329.5
147
VDD2
3675.65
-329.5
148
VDD2
3755.65
-329.5
149
VDD2
3835.65
-329.5
150
VDD2
3915.65
-329.5
151
VDD2
3995.65
-329.5
152
Vm
4075.65
-329.5
153
Vm
4155.65
-329.5
154
V0in
4235.65
-329.5
155
V0in
4315.65
-329.5
156
V0in
4395.65
-329.5
157
V0in
4475.65
-329.5
158
V0s
4555.65
-329.5
159
V0out
4635.65
-329.5
160
V0out
4715.65
-329.5
161
XV0out
4795.65
-329.5
162
XV0out
4875.65
-329.5
163
XV0s
4955.65
-329.5
164
XV0in
5035.65
-329.5
165
XV0in
5115.65
-329.5
166
XV0in
5195.65
-329.5
167
XV0in
5275.65
-329.5
168
Vgout
5355.65
-329.5
169
Vgout
5435.65
-329.5
170
Vgs
5515.65
-329.5
171
Vgin
5595.65
-329.5
172
Vgin
5675.65
-329.5
173
Vgin
5755.65
-329.5
174
Vgin
5835.65
-329.5
175
Vgin
5915.65
-329.5
176
Vgin
5995.65
-329.5
177
Vgin
6075.65
-329.5
178
Vgin
6155.65
-329.5
179
VSS
6235.65
-329.5
180
VSS
6315.65
-329.5
181
DETGBO
6447.3
-302.71
182
COM1
6507.45
-302.71
183
COM3
6534.45
-302.71
184
COM5
6682.71
-312.06
185
COM7
6682.71
-285.06
186
COM9
6682.71
-258.06
187
COM11
6682.71
-231.06
188
COM13
6682.71
-204.06
189
COM15
6682.71
-177.06
190
COM17
6682.71
-150.06
191
COM19
6682.71
-123.06
192
COM21
6682.71
-96.06
193
COM23
6682.71
-69.06
194
COM25
6682.71
-42.06
195
COM27
6682.71
-15.06
196
COM29
6682.71
11.94
197
COM31
6682.71
38.94
198
COM33
6682.71
65.94
199
COM35
6682.71
92.94
200
COM37
6682.71
119.94
201
COM39
6682.71
146.94
202
COM41
6706.5
302.71
203
COM43
6679.5
302.71
204
COM45
6652.5
302.71
205
COM47
6625.5
302.71
206
COM49
6598.5
302.71
207
COM51
6571.5
302.71
208
COM53
6544.5
302.71
209
COM55
6517.5
302.71
210
COM57
6490.5
302.71
211
COM59
6463.5
302.71
212
COM61
6436.5
302.71
213
COM63
6409.5
302.71
214
COM65
6382.5
302.71
215
COM67
6355.5
302.71
216
COM69
6328.5
302.71
217
COM71
6301.5
302.71
218
COM73
6274.5
302.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com