Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7637 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 210 page
background image
ST7637
Ver 1.6
95/210
2009/03
9.1.18. APON: All Pixels On (23h) (Only for Test Purposes)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
APON
0
1
0
0
0
1
0
0
0
1
1
(23h)
Parameter
No Parameter
Description
This command is only used for test purpose e.g. pixel response time (on/off) measurements on
the passive matrix display. Therefore, it is possible that this command is not used for final
product software.
All driver outputs become “High” data state and display becomes white.
This command makes no change of contents of display memory.
This command does not change any other status.
Exit commands are “All Pixels On”, “Normal Display Mode On” and “Partial Display On”.
The display is showing the contents of the frame memory after “Normal Display Mode On” and
“Partial Display On” commands.
Restriction
This command has no effect when module is already All Pixel On mode.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
All pixel on mode disable
S/W Reset
All pixel on mode disable
H/W Reset
All pixel on mode disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com