Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7637 Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 210 page
background image
ST7637
Ver 1.6
59/210
2009/03
7.10.1.3. V0 fine tuning
ST7637 has 2 commands for fine tuning V0. These commands are VopOfsetInc (see section 9.1.47) and
VopOfsetDec (see section 9.1.48). When writing VopOfsetInc into IC for each time, V0 would increase 40mV; when writing
VopOfsetDec into IC for each time, V0 would decrease 40mV.
Example:
Vop[8:0]=011010010
EV[6:0]=0111111
VopOfsetInc x2
→ V0=3.6 + { 210 + (63-63) } x 0.04 + 0.04x2 =12.08 (V)
7.10.2. Voltage Follower Circuits
There is a build-in voltage follower circuits in ST7637 for generating Vg and Vm. These voltages are decided by bias
ratio selection circuitry which is set by users with software to control 1/5 to 1/12 bias ratios to match the optimum display
performance of LCD panel. Bias driving rule is listed below:
LCD bias
Vg
Vm
1/N bias
(2/N) x V0
(1/N) x V0
N=5 to 12
7.10.3. OTP Setting Flow
ST7637 provides the Write and Read function to write the electronic control value and built-in resistance
ratio into built-in OTP, and then read them from it. Using the Write and Read functions, you can store these
values appropriate to each LCD panel. This function is very convenient for user in setting from some different
panel’s voltage. But using this function must attention the setting procedure. Please see the following diagram.
Figure 7.10-5
V0 value control for different modules by loading Vop offset
Note1: This setting flow is used for LCM assembler.
Note2: OTP shouldn’t be written without preceding loading correctly from OTP in order to avoid some errors
during IC operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com