Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7637 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 210 page
background image
ST7637
Ver 1.6
17/210
2009/03
/EXT
I
OTP burn-in control Pin.
There is a pull-high resistor between /EXT & VDD in ST7637.
When burning OTP, please add an external VSS on /EXT. (needs external power supply
voltage VPP=7.5V~7.75V)
NOTE:
1.
Microprocessor interface pins should not be floating in any operation mode.
2.
Unused pin should connect to VDDI (Supply Digital Voltage).
6.5
LCD DRIVER OUTPUTS
Name
I/O
Description
SEG0
to
SEG395
O
LCD segment driver outputs
The display data and the M signal control the output voltage of segment driver.
Segment driver output voltage
Display data
M (Internal)
Normal display
Reverse display
H
H
Vg
VSS
H
L
VSS
Vg
L
H
VSS
Vg
L
L
Vg
VSS
Sleep-In mode
VSS
VSS
COM0
to
COM131
O
LCD common driver outputs
The internal scanning data and M signal control the output voltage of common driver.
Scan data
M (Internal)
Common driver output voltage
H
H
XV0
H
L
V0
L
H
Vm
L
L
Vm
Sleep-In mode
VSS
Name
I/O
Description
DETGBI
DETGBO
ITO
DETGBI must connect to DETGBO by ITO which run a ring on LCM glass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com