Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7637 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7637 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 210 page
background image
ST7637
Ver 1.6
2/210
2009/03
3. ST7637 Pad Arrangement (COG)
Y
X
(0,0)
22 DUMMY
23 DUMMY
24 VSS
25 VPP
26 VPP
29 dummy
202 COM41
247 COM131
59 CLS
60 VDD
61 A0
62 RW_WR
63 D0
64 D1
65 D2
66 D3
67 D4
68 D5
69 D6
70 D7
71 D8
72 D9
73 D10
74 D11
75 D12
76 D13
79 VSS
80 VDD
81 E_RD
82 RST
83 CSEL
84 IF1
85 IF2
86 IF3
87 VSS
88 VDD
89 /CS
90 /EXT
91 TE
92 TCAP
93 VDD
94 VDD
95 VDD
96 VDD
97 VDD1
98 VDD1
99 VSS1
100 VSS1
101 VSS
108 VSS
109 VSS2
77 D14
78 D15
28 VPP
58 CL
57 dummy
153 Vm
134 VDD5
133 VDD4
132 VDD4
130 VDD3
129 VDD3
128 VSS4
127 VSS4
126 VSS2
125 VSS2
179 VSS
178 VgIn
177 VgIn
172 VgIn
171 VgIn
170 VgS
169 VgOut
168 VgOut
167 XV0In
166 XV0In
165 XV0In
164 XV0In
163 XV0S
162 XV0Out
161 XV0Out
160 V0Out
159 V0Out
158 V0S
157 V0In
156 V0In
155 V0In
154 V0In
152 Vm
151 VDD2
142 VDD2
141 VDD5
140 VDD5
180 VSS
181 DETGBO
183 COM3
19 COM2
20 COM0
21 DETGBI
27 VPP
124 VSS2
131 VREF
182 COM1
248 SEG0
689 COM40
644 COM130
643 SEG395
Chip Size :
13600 um x 840 um
Bump Pitch :
PAD 1~ 18, 19~20, 182~183, 184~201, 202~247,
pitch=27um (min, com/seg)
PAD 248~643, 644~689 pitch=27um (min, com/seg)
PAD 22 ~ 28,29~180 pitch=80um (I/O)
PAD 20~21, 181~182 pitch=60.15um
PAD 28 ~ 29 pitch=126.53um (I/O)
Bump Size :
PAD 1 ~ 21, PAD 181 ~ 689
Bump width=14um (min, com/seg)
Bump space=13um(min, com/seg)
Bump length=128.58um(min, com/seg)
Bump area=1800um^2(com/seg)
PAD 22~180
Bump width=65um(I/O)
Bump space=15um(I/O)
Bump length=63um(I/O)
Bump area=4095um^2
Bump Height : 15 um
Chip Thickness : 400 um
Alignment mark
The center of alignment mark: see bellow Table
L-Mark-R(Right)
L-Mark-L(Left)
69.99
82.97
52.97
39.99
30
30
30
69.99
82.97
52.97
39.99
30
30
90.28
97.8
67.8
60.28
30
L-Mark-B(Buttom)
15
15
15
15
15
(X,Y)=(-5440.21,350.72)
(X,Y)=(5440.21,350.72)
(X,Y)=(6542.56,-160.81)
(0,0)
X
Y
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com