Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7637 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 210 page
background image
ST7637
Ver 1.6
21/210
2009/03
There are 3 write operations for 2 pixel data.
1st pixel data is written in the display data RAM when 2nd –write operation finishes, and 2nd pixel data is written in the
display data RAM when 3rd–write operation finishes.
2. 16-bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRGGGGBBBBXXXX
1st-write
There is only 1 write operation for 1 pixel data.
1 pixel data is written in the display data RAM when 1st –write operation finishes. “X” are ignored dummy bits.
(1-2) Type B 4096 color display
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: XXXXRRRR
1st-write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGBBBB
2nd-write
There are 2 write operations for 1 pixel data.
1st pixel data is written in the display data RAM when 2nd –write operation finishes. “X” are ignored dummy bits.
2. 16-bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: XXXXRRRRGGGGBBBB
1st-write
There is only 1 write operation for 1 pixel data.
1 pixel data is written in the display data RAM when 1st –write operation finishes. “X” are ignored dummy bits.
(3) 65K color input mode
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRRGGG
1st-write
D7, D6, D5, D4, D3, D2, D1, D0: GGGBBBBB
2nd-write
There are 2 write operations for 1 pixel data.
1st pixel data is written in the display data RAM when 2nd –write operation finishes.
2. 16-bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRGGGGGGBBBBB
There is only 1 write operation for 1 pixel data.
1 pixel data is written in the display data RAM when 1st –write operation finishes.
(4) Truncated 262K color input mode
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRXX
1st-write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGGGXX
2nd-write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com