Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7669 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 216 page
background image
ST7669
Ver 1.3a
43/216
3/2/2009
7.4 GRAY-SCALE DISPLAY
ST7669 incorporates a 4FRC & 31 PWM function circuit to display a 64 gray-scale display.
7.5 OSCILLATION CIRCUIT
This is on-chip oscillator without external resistor. When the internal oscillator is used, CLS must connect to VDD; when the
external oscillator is used, CL could be input pin. This oscillator signal is used in the voltage converter and display timing
generation circuit.
7.6 DISPLAY TIMING GENERATOR CIRCUIT
This circuit generates some signals to be used for displaying LCD. The display clock, CL (internal), which is generated by
oscillation clock, generates the clock for the line counter and the signal for the display data latch. The line address of
on-chip RAM is generated in synchronization with the display clock and the display data latch circuit latches the 96-bits
display data in synchronization with the display clock. The display data, which is read to the LCD driver, is completely
independent of the access to the display data RAM from the microprocessor. The display clock generates an LCD AC
signal (M), which enables the LCD driver to make an AC drive waveform, and also generates an internal common timing
signal and start signal to the common driver. The frame signal or the line signal changes the M by setting internal
instruction. Driving waveform and internal timing signal are shown in Figure 7.3-3.
Figure 7.3-3 2-frame AC Driving Waveform (Duty Ratio: 1/162)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com