Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7669 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 216 page
background image
ST7669
Ver 1.3a
95/216
3/2/2009
Default
Status
Default Value
Power On Sequence
Sleep In Mode
S/W Reset
Sleep In Mode
H/W Reset
Sleep In Mode
Flow Chart
It takes 200msec to become Sleep Out mode (booster on mode) after SLPOUT command issued.
The results of booster on can be check by RDDST (09h) command Bit31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com