Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7669 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7669 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 216 page
background image
ST7669
Ver 1.3a
2/216
3/2/2009
3
Pad Arrangement (COG)
Chip Size :
14030 um x 970 um
Bump Pitch :
PAD 1 ~ 30, 31 ~ 35 pitch=27um(min, com/seg)
PAD 200 ~ 204, 205 ~ 737 pitch=27um(min, com/seg)
PAD 36 ~ 199 pitch=80um (I/O)
PAD 87,88 pitch= 79.72um(I/O)
Bump Size :
PAD 1 ~ 35 , PAD 200 ~ 737
Bump width=14um(min, com/seg)
Bump space=13um(min, com/seg)
Bump length=128um(min, com/seg)
Bump area=1800um^2(com/seg)
PAD 36 ~86,89~199(except 87,88)
Bump width=65um(I/O)
Bump space=15um(I/O)
Bump length=63um(I/O)
Bump area=4095um^2
PAD 87,88
Bump width=65um(I/O)
Bump space=14.72um(I/O)
Bump length=63um(I/O)
Bump area=4095um^2
Bump Height : 15 um
Chip Thickness : 400 um
Aligment mark
The center of alignment mark: see bellow Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com