Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7669 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 216 page
background image
ST7669
Ver 1.3a
21/216
3/2/2009
Figure 7.1-1 Parallel Data Transfer Example Chart
Relation between Data Bus and Gradation Data
ST7669 offers 256 color, 4096 color display, 65K color display, 262K color display, and truncated 16M color display.
When using 256 color, 4096, 65K, 262K, and 16M color display; you can specify color for each of R, G, and B using the
palette function. Use the command for switching between these modes.
(1) 256 color input mode
1. 8-bit interface
D7, D6, D5, D4, D3, D2, D1, D0: RRRGGGBB
1st -write
There is only 1 write operation for 1 pixel data.
1 pixel data is written in the display data RAM when 1st -write operation finishes.
2. 16-bit interface
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: XXXXXXXXRRRGGGBB
1st -write
There is only 1 write operation for 1 pixel data.
1 pixel data is written in the display data RAM when 1st –write operation finishes. “X” are ignored dummy bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com