Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7669 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 216 page
background image
ST7669
Ver 1.3a
71/216
3/2/2009
Hex Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Ref
(CCh) ID1Set
0
1
0
1
1
0
0
1
1
0
0
ID1 setting
9.1.55
1
1
0
ID1_7 ID1_6 ID1_5 ID1_4 ID1_3 ID1_2 ID1_1 ID1_0
(CDh) ID2Set
0
1
0
1
1
0
0
1
1
0
1
ID2 setting
9.1.56
1
1
0
1
ID2_6 ID2_5 ID2_4 ID2_3 ID2_2 ID2_1 ID2_0
(CEh) ID3Set
0
1
0
1
1
0
0
1
1
1
0
ID3 setting
9.1.57
1
1
0
ID3_7 ID3_6 ID3_5 ID3_4 ID3_3 ID3_2 ID3_1 ID3_0
(D0h) ANASET
0
1
0
1
1
0
0
0
0
0
0
Analog circuit setting
9.1.58
1
1
0
0
0
0
1
1
1
0
1
(D7h) AutoLoadSet
0
1
0
1
1
0
1
0
1
1
1
mask rom data auto re-load
control
9.1.59
1
1
0
EXTE
1
-
ARD
1
1
1
1
(DEh) RDTstStatus
0
1
0
1
1
0
1
1
1
1
0
read IC status
9.1.60
1
0
1
-
-
-
-
-
-
-
-
Dummy Read
(E0h) EPCTIN
0
1
0
1
1
1
0
0
0
0
0
Control OTP WR/RD
9.1.61
1
1
0
0
0
WR
/XRD
0
0
0
0
0
(E1h) EPCTOUT
0
1
0
1
1
1
0
0
0
0
1
OTP control cancel
9.1.62
(E2h) EPMWR
0
1
0
1
1
1
0
0
0
1
0
Write to OTP
9.1.63
(E3h) EPMRD
0
1
0
1
1
1
0
0
0
1
1
Read from OTP
9.1.64
(E4h) OTPSEL
0
1
0
1
1
1
0
0
1
0
0
Select OTP
9.1.65
1
1
0
MS1 MS0
0
1
1
0
0
0
(E5h) ROMSET
0
1
0
0
1
1
1
0
1
0
1
Programmable rom setting
9.1.66
1
1
0
0
0
0
0
1
1
1
0
(EBh) HPMSET
0
1
0
1
1
1
0
1
0
1
1
High power mode setting
9.1.67
1
1
0
0
0
0
0
0
0
HP1 HP0
1
1
0
0
0
0
0
0
0
0
0
(F0h) FRMSEL
0
1
0
1
1
1
1
0
0
0
0
Frame Freq Temp range
A,B,C and D
9.1.68
1
1
0
-
-
-
FA4
FA3
FA2
FA1
FA0
1
1
0
-
-
-
FB4
FB3
FB2
FB1
FB0
1
1
0
-
-
-
FC4 FC3 FC2 FC1 FC0
1
1
0
-
-
-
FD4 FD3 FD2 FD1 FD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com