Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7669 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 216 page
background image
ST7669
Ver 1.3a
17/216
3/2/2009
RW_WR
I
Read / Write execution control pin. (This pin is only used in parallel interface)
MPU type
RW_WR
Description
6800-series
RW
Read / Write control input pin
RW = “H” : read
RW = “L” : write
8080-series
/WR
Write enable clock input pin
The data on D0 to D17 are latched at the
rising edge of the /WR signal.
When in the serial interface, connect it to VDD.
E_RD
I
Read / Write execution control pin. (This pin is only used in parallel interface)
MPU Type
E_RD
Description
6800-series
E
Read / Write control input pin
RW = “H”: When E is “H”, D0 to D17 are in an output.
RW = “L”: The data on D0 to D17 are latched at the
falling edge of the E signal.
8080-series
/RD
Read enable clock input pin
When /RD is “L”, D0 to D17 are in an output status.
When in the serial interface, connect it to VDD.
D17 to D0
I/O
They connect to the standard 8-bit or 16 bit MPU bus via the 8/16/18 –bit bi-directional bus.
When the following interface is selected and /CS pin is high, following pins become high
impedance.
1.
In 8-bit parallel: D17-D8 pins are in the state of high impedance should connect to VDD.
2.
In 3-line/4-line interface D0 pad will be used for SI function
3.
In 4-line interface D1 pad will be used for A0 function
4.
In Serial interface: The unused pins are in the state of high impedance should connect to
VDD.
SI
I
SI is used to input serial data when the serial interface is selected.(3 line and 4 line)
In ST7669, D0 is the SI when select serial interface. See Table 7.1.1
SCL
I
SCL is used to input serial clock when the serial interface is selected.
The data is converted in the rising edge. (3 line and 4 line)
In ST7669, RS is the SCL when select serial interface.See Table 7.1.1
TE
O
Tearing effect output.
/EXT
I
OTP burn-in control Pin
There is a pull-high resistor between /EXT & VDD in ST7669.
When burning OTP, please add an external VSS on /EXT. (needs external power supply
voltage VPP=7.5V~7.75V)
NOTE:
:
:
:
1. In any status the control bus and data bus can not floating.
2. The no used pin should connect to VDD (Supply Digital Voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com