Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1367 Datasheet(PDF) 10 Page - ams AG

Part # AS1367
Description  150mA, Adaptive Low Drop-Out Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1367 Datasheet(HTML) 10 Page - ams AG

Back Button AS1367 Datasheet HTML 6Page - ams AG AS1367 Datasheet HTML 7Page - ams AG AS1367 Datasheet HTML 8Page - ams AG AS1367 Datasheet HTML 9Page - ams AG AS1367 Datasheet HTML 10Page - ams AG AS1367 Datasheet HTML 11Page - ams AG AS1367 Datasheet HTML 12Page - ams AG AS1367 Datasheet HTML 13Page - ams AG AS1367 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 14
AS1367
Datasheet - D e t a i l e d D e s c r i p t i o n
Power-OK
The AS1367’s power-ok is built around an N-channel MOSFET. The circuitry monitors the voltage on pin SET and if the
voltage goes out of regulation (e.g. during dropout, current limit, or thermal shutdown) the pin POK goes low. If the pin
SET is connected to GND an internal resistive-divider is activated and connected to the output. Therefore, the Power-
OK functionality can be realised with no additional external components.
The Power-OK feature is not active during shutdown and provides a power-on-reset function that can operate down to
VIN = 2.0V. A capacitor to GND may be added to generate a power-on-reset delay. To obtain a logic-level output,
connect a pull-up resistor from pin POK to pin OUT. Larger values for this resistor will help to minimize current
consumption; a 100k
Ω resistor is perfect for most applications (see Figure 1 on page 1).
Current Limiting
The AS1367 include current limiting circuitry to protect against short-circuit conditions. The circuitry monitors and
controls the gate voltage of the P-channel MOSFET, typically limiting the output current to 180mA. The P-channel
MOSFET output can be shorted to ground for an indefinite period of time without damaging the device.
Thermal-Overload Protection
The devices are protected against thermal runaway conditions by the integrated thermal sensor circuitry. Thermal
shutdown is an effective tool to prevent die overheating since the power transistor is the principle heat source in the
device.
If the junction temperature exceeds 160ºC with 20ºC hysteresis, the thermal sensor starts the shutdown logic, at which
point the P-channel MOSFET is switched off. After the device temperature has dropped by approximately 20ºC, the
thermal sensor will turn the P-channel MOSFET on again. Note that this will be exhibited as a pulsed output under
continuous thermal-overload conditions.
Note: The absolute maximum junction-temperature of +150ºC should not be exceeding during continual operation.
Operating Region and Power Dissipation
Maximum power dissipation is determined by the thermal resistance of the package and circuit board, the temperature
difference between the die junction and the ambient air and the rate of the air flow. The power dissipation of the device
is calculated by:
Maximum power dissipation is calculated by:
Where:
TJ - TAMB is the temperature difference between the device die junction and the surrounding air.
θJA is the thermal resistance through the circuit board, copper traces, and other materials to the surrounding.
Note: Pin GND is a multi-function pin providing a connection to the system ground and acting as a heat sink. This pin
should be connected to the system ground using a large pad or a ground plane.
(EQ 1)
PI
OUT
V
IN
V
OUT
–
()
×
=
(EQ 2)
P
MAX
T
J
T
AMB
–
θ
JA
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com