Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1367 Datasheet(PDF) 1 Page - ams AG

Part # AS1367
Description  150mA, Adaptive Low Drop-Out Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1367 Datasheet(HTML) 1 Page - ams AG

  AS1367 Datasheet HTML 1Page - ams AG AS1367 Datasheet HTML 2Page - ams AG AS1367 Datasheet HTML 3Page - ams AG AS1367 Datasheet HTML 4Page - ams AG AS1367 Datasheet HTML 5Page - ams AG AS1367 Datasheet HTML 6Page - ams AG AS1367 Datasheet HTML 7Page - ams AG AS1367 Datasheet HTML 8Page - ams AG AS1367 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS1367
150mA, Adaptive Low Drop-Out Linear Regulator
www.austriamicrosystems.com
Revision 1.02
1 - 14
Datasheet
1 General Description
The AS1367 is a precise, low noise, high speed, low
dropout regulator with adaptive operation. Features
included are high ripple rejection and low dropout volt-
age, a reference voltage source, an error amplifier and a
current limiter.
The AS1367 provides high speed operation, low power
consumption and high efficiency by automatically
switching between a light load and a heavy load mode
depending upon the output current level.
The EN function enables the output to be turned off,
while the electric charge at the output capacitor is
discharged via the internal auto-discharge resistance,
and as a result the VOUT pin quickly returns to the GND
level.
Furthermore a Bypass Pin is included to reduce noise.
The device features integrate short-circuit and over
current protection. Under-Voltage lockout prevents
erratic operation when the input voltage is slowly
decaying. Thermal Protection shuts down the device
when die temperature reaches 160°C. This is a useful
protection when the device is under sustained short
circuit conditions.
The device is available in a 8-pin TDFN 2x2 package.
2 Key Features
!
Low Dropout Voltage: 110mV @ 150mA load
!
Operating Input Voltage Range: 2.0V to 5.5V
!
Output Voltage Range: 1.2V to 5.0V (50mV steps)
!
Max. Output Current: 150mA
!
Low Shutdown Current: 100nA
!
High PSRR: 60dB @ 10kHz
!
Integrated Overtemperature/Overcurrent Protection
!
Under-Voltage Lockout Feature
!
Chip Enable Input
!
Power-OK
!
Low Quiescent Current: 10µA
!
Low Output Noise: 15µV @ 100kHz Bandwidth
!
Operating Temperature Range: -40°C to +85°C
!
8-pin TDFN 2x2 Package
3 Applications
The AS1367 is ideal for cellular phones, cordless
phones, wireless communication equipment, portable
games, cameras, video recorders, portable audio-video
equipment and personal digital assistants.
Figure 1. AS1367 - Typical Application Diagram
Input
2V to 5.5V
CIN
1
µF
RPU
100k
Ω
COUT
3.3µF
Output
1.2V to 5.0V
IN
IN
BYP
OUT
AS1367
POK
GND
SET
ON /
OFF
EN
CBYP
10nF


Similar Part No. - AS1367

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1360 AMSCO-AS1360 Datasheet
75Kb / 2P
1.5關A Low-Power, Positive Voltage Regulator
AS1360 AMSCO-AS1360 Datasheet
1Mb / 14P
1.5A Low-Power, Posi t ive Vol tage Regulator
AS1360-18-T AMSCO-AS1360-18-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-18-T AMSCO-AS1360-18-T Datasheet
1Mb / 14P
1.5A Low-Power, Posi t ive Vol tage Regulator
AS1360-21-T AMSCO-AS1360-21-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
More results

Similar Description - AS1367

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
300mA CMOS Low Drop Out Linear Regulator
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
logo
Infineon Technologies A...
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com