Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1367 Datasheet(PDF) 11 Page - ams AG

Part # AS1367
Description  150mA, Adaptive Low Drop-Out Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1367 Datasheet(HTML) 11 Page - ams AG

Back Button AS1367 Datasheet HTML 6Page - ams AG AS1367 Datasheet HTML 7Page - ams AG AS1367 Datasheet HTML 8Page - ams AG AS1367 Datasheet HTML 9Page - ams AG AS1367 Datasheet HTML 10Page - ams AG AS1367 Datasheet HTML 11Page - ams AG AS1367 Datasheet HTML 12Page - ams AG AS1367 Datasheet HTML 13Page - ams AG AS1367 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.austriamicrosystems.com
Revision 1.02
11 - 14
AS1367
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Capacitor Selection and Regulator Stability
Ceramic capacitors are highly recommended as they offer distinct advantages over their tantalum and aluminum
electrolytic components. For stable operation with load currents up to the maximum over the entire device temperature
range, use a 3.3µF (min) ceramic output capacitor with an ESR <0.2
Ω. Use large output capacitor values (10µF max)
to reduce noise and improve load transient-response, stability and power-supply rejection.
Note: Some ceramic capacitors exhibit large capacitance and ESR variations with variations in temperature. Z5U
and Y5V capacitors may be required to ensure stability at temperatures below TAMB = -10ºC. With X7R or X5R
capacitors, a 3.3µF capacitor should be sufficient at all operating temperatures.
Power Supply Rejection Ratio
The AS1367 are designed to deliver low dropout voltages and low quiescent currents. Power-supply rejection is
typically 60dB at 10kHz. To improve power supply-noise rejection and transient response, increase the values of the
input and output bypass capacitors.
The Electrical Characteristics on page 4 show also the device line- and load-transient responses. For further details
see the Power-Supply Rejection Ratio vs. Frequency graph in the Figure 9 on page 7.
Dropout Voltage
For standard products with output voltage greater than the minimum VIN (1.2V), the minimum input-output voltage
differential (dropout voltage) determines the lowest usable supply voltage. This determines the useful end-of-life
battery voltage in battery-powered systems. The dropout voltage is a function of the P-MOSFET drain-to-source on-
resistance multiplied by the load current, and it is calculated by:
Where:
RDS(ON) is the drain-to-source on-resistance.
IOUT is the output current.
Figure 17. Application Diagrams
(EQ 3)
V
DROPOUT
V
IN
V
OUT
–
R
DS ON
()
I
OUT
×
==
270k
Ω
RADJ
External Voltage Level Detection
(Input Monitoring)
Internal Voltage Level Detection
(Output Monitoring)
Input
2V to 5.5V
CIN
1µF
COUT
3.3µF
IN
IN
BYP
OUT
AS1367
POK
GND
SET
ON /
OFF
EN
CBYP
10nF
Input
2V to 5.5V
CIN
1
µF
COUT
3.3µF
Output
1.2V to 5.0V
IN
IN
BYP
OUT
AS1367
POK
GND
SET
ON /
OFF
EN
CBYP
10nF
Output
1.2V to 5.0V
RPU
100k
Ω
RPU
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com