Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1367 Datasheet(PDF) 12 Page - ams AG

Part # AS1367
Description  150mA, Adaptive Low Drop-Out Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1367 Datasheet(HTML) 12 Page - ams AG

Back Button AS1367 Datasheet HTML 6Page - ams AG AS1367 Datasheet HTML 7Page - ams AG AS1367 Datasheet HTML 8Page - ams AG AS1367 Datasheet HTML 9Page - ams AG AS1367 Datasheet HTML 10Page - ams AG AS1367 Datasheet HTML 11Page - ams AG AS1367 Datasheet HTML 12Page - ams AG AS1367 Datasheet HTML 13Page - ams AG AS1367 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.austriamicrosystems.com
Revision 1.02
12 - 14
AS1367
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The device is available in a 8-pin TDFN package.
Figure 18. 8-pin TDFN 2x2 Package Diagram
Note:
1. Figure 18 is shown for illustration only.
2. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
3. All dimensions are in millimeters, angle is in degrees (°).
4. N is the total number of terminals.
5. The location of the terminal #1 identifier and terminal numbering convention conforms to JEDEC publication 95
SPP-002.
6. ND and NE refer to the number of terminals on each D and E side respectively.
7. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal
tip. If the terminal has the optional radius on the other end of the terminal, the dimension B should not be mea-
sured in that radius area.
8. Coplanarity applies to the terminals and all other bottom surface metallization.
Table 4. 8-pin TDFN 2x2 package Dimensions
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
0.51
0.55
0.60
D BSC
2.00
A1
0.00
0.02
0.05
E BSC
2.00
A3
0.15 REF
D2
1.45
1.60
1.70
b
0.18
0.25
0.30
E2
0.75
0.90
1.00
e
0.50
L
0.225
0.325
0.425
aaa
0.15
k
0.20
bbb
0.10
ND
4
ccc
0.10
N
8
ccc C
PLANE
SEATING
0.08 C
B
C
bbb
C A B
TOP VIEW
aaa C
2x
SIDE VIEW
BOTTOM VIEW
D
e
b
D2
PIN#1 ID
INDEX AREA
(D/2xE/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com