Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1367 Datasheet(PDF) 2 Page - ams AG

Part # AS1367
Description  150mA, Adaptive Low Drop-Out Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1367 Datasheet(HTML) 2 Page - ams AG

  AS1367 Datasheet HTML 1Page - ams AG AS1367 Datasheet HTML 2Page - ams AG AS1367 Datasheet HTML 3Page - ams AG AS1367 Datasheet HTML 4Page - ams AG AS1367 Datasheet HTML 5Page - ams AG AS1367 Datasheet HTML 6Page - ams AG AS1367 Datasheet HTML 7Page - ams AG AS1367 Datasheet HTML 8Page - ams AG AS1367 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.austriamicrosystems.com
Revision 1.02
2 - 14
AS1367
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
OUT
1
Regulated Output Voltage. The current flowing out of this pin is equivalent
to a DC load current. Fixed 1.2, 1.5, 1.8, 3.0, 3.3 and 4.5V output, as well as
versions from 1.2V up to 5.0V can be ordered.
Bypass this pin with 3.3µF to GND.
BYP
2
Bypass. This pin should be connected via a 10nF capacitor to pin OUT.
SET
3
Set Input. Connect to GND for preset output. Connect to a resistive voltage-
divider between OUT and GND to set the output voltage between 1.2V and
5.0V.
EN
4
Active-High Enable Input. A logic low reduces the supply current to < 1µA.
Connect this pin to pin IN for normal operation.
GND
5
Ground. This pin also functions as a heat sink. Solder it to a large pad or to
the circuit-board ground plane to maximize power dissipation.
POK
6
Power-OK Output. Active-low, open-drain output indicates an out-of-
regulation condition. Connect a 100k
Ω pull-up resistor to pin OUT for logic
levels. Leave this pin unconnected if the Power-OK feature is not used.
IN
7, 8
Input Voltage. These pins should be connected to the positive terminal of
the input capacitor. Bypass this pin with 1µF to GND. Input voltage can
range from 2.0V to 5.5V.
GND
Exposed Pad
Exposed Pad. This pin also functions as a heat sink. Solder it to a large pad
or to the circuit-board ground plane to maximize power dissipation. Internally
it is connected GND.
1
OUT
2
BYP
3
SET
4
EN
8 IN
7 IN
6 POK
5 GND
AS1367
Exposed
Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com