Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1367 Datasheet(PDF) 4 Page - ams AG

Part # AS1367
Description  150mA, Adaptive Low Drop-Out Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1367 Datasheet(HTML) 4 Page - ams AG

  AS1367 Datasheet HTML 1Page - ams AG AS1367 Datasheet HTML 2Page - ams AG AS1367 Datasheet HTML 3Page - ams AG AS1367 Datasheet HTML 4Page - ams AG AS1367 Datasheet HTML 5Page - ams AG AS1367 Datasheet HTML 6Page - ams AG AS1367 Datasheet HTML 7Page - ams AG AS1367 Datasheet HTML 8Page - ams AG AS1367 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.austriamicrosystems.com
Revision 1.02
4 - 14
AS1367
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = VOUT(NOM) + 0.5V or VIN = 2V (whichever is greater) , EN = IN, CIN = 1µF, COUT = 3.3µF, CBYP = 10nF, TAMB = -
40°C to +85ºC (unless otherwise specified). Typical values are at TAMB = +25ºC.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.0
5.5
V
VOUT
Output Voltage
Trimmable in 50mV steps
1.2
5.0
V
ΔVOUT
Output Voltage Accuracy
TAMB = +25ºC, IOUT = 1mA, VOUT > 2V
-1
1
%
IOUT = 100µA to 150mA, VOUT > 2V
-2.5
2.5
TAMB = +25ºC, IOUT = 1mA, VOUT
≤ 2V
-20
20
mV
IOUT = 100µA to 150mA, VOUT
≤ 2V
-50
50
IOUT
Maximum Output Current
150
mA
ILIM
Current Limit
VOUT forced to GND
180
mA
VSET
SET Threshold
VOUT up to VIN, IOUT = 1mA
50
100
150
mV
ISET
SET Input Bias Current
SET = 0V
-100
100
nA
IQ
Quiescent Current
IOUT = 0mA
10
16
µA
IOUT = 100µA
10
20
IOUT = 150mA
15
30
VIN -VOUT
Dropout Voltage
1
3.0V < VOUT, IOUT = 150mA
110
200
mV
ΔVLNR
Line Regulation
VIN = (VOUT(NOM) + 0.5V) to 5.5V, IOUT = 1mA
0.02
0.06
2
% / V
ΔVLDR
Load Regulation
IOUT = 100µA to 150mA
0.001
0.01 % / mA
Dynamic Line Transient
VIN = (VOUT(NOM) + 0.5V) to 5.5V within 10µs,
IOUT = 1mA
17
mV
Dynamic Load Transient IOUT = 1mA to 150mA within 10µs
12
50
mV
Output Noise Voltage
IOUT = 10mA, f = 100Hz to 100kHz
15
µVRMS
PSRR
Output Voltage Power-
Supply Rejection Ratio
IOUT = 10mA, f = 1kHz
75
dB
IOUT = 10mA, f = 10kHz
60
IOUT = 10mA, f = 100kHz
52
Shutdown
3
tON
EN Exit Delay
4
IOUT = 0mA
500
µs
IOFF
Shutdown Supply
Current
EN = 0V
0.1
1
µA
VIH
Enable Input Threshold
1.4
V
VIL
0.4
RSHDN
Autodischarge
Resistance
EN = 0V, IOUT = 0mA
740
Ω
Power-OK Output
VPOK
Power-OK Voltage
Threshold
IOUT = 0mA, VOUTRISING
90
94
97.5
%
VOUT
IOUT = 0mA, VOUTFALLING
3
VOL
POK Output Low Voltage POK sinking 1mA, EN = 0V
0.3
V
IPOK
POK Leakage Current
VOUT in regulation
1
100
nA
SET
VSET
SET Threshold Voltage
VOUT to VIN
50
100
150
mV
ISET
Set Input Bias Current
SET = 0V
-100
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com