Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1544 Datasheet(PDF) 9 Page - ams AG

Part # AS1544
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1544 Datasheet(HTML) 9 Page - ams AG

Back Button AS1544 Datasheet HTML 5Page - ams AG AS1544 Datasheet HTML 6Page - ams AG AS1544 Datasheet HTML 7Page - ams AG AS1544 Datasheet HTML 8Page - ams AG AS1544 Datasheet HTML 9Page - ams AG AS1544 Datasheet HTML 10Page - ams AG AS1544 Datasheet HTML 11Page - ams AG AS1544 Datasheet HTML 12Page - ams AG AS1544 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
9 - 29
AS1543/44
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VDD = 5.25V; VREF = 2.5V, CREF = 4.7µF, RANGE=1, SE/FDN=1, TAMB = +25ºC (unless otherwise specified).
Figure 5. Integral Nonlinearity vs. Digital Output Code
Figure 6. Differential Nonlinearity vs. Digital Output Code
Figure 7. FFT @ 50kHz; RANGE=1, SE/FDN=1
Figure 8. FFT @ 50kHz; RANGE=1, SE/FDN=0
Figure 9. ENOB vs. VREFIN; RANGE=1, SE/FDN=1
Figure 10. ENOB vs. Input Signal Frequency
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1024
2048
3072
4096
Digital Output Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1024204830724096
Digital Output Code
fSAMPLE = 1Msps
fSAMPLE = 1Msps
-120
-100
-80
-60
-40
-20
0
20
0
100
200
300
400
500
Input Signal Frequency (kHz)
-120
-100
-80
-60
-40
-20
0
20
0
100
200
300
400
500
Input Signal Frequency (kHz)
fSAMPLE = 1Msps
NFFT = 32768
SNR=72.1dB
THD = -84.7dB
SFDR = 86.2dB
fSAMPLE = 1Msps
NFFT = 32768
SNR=71.0dB
THD = -85.5dB
SFDR = 86.5dB
11
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
10
100
1000
Frequency (kHz)
11
11.1
11.2
11.3
11.4
11.5
11.6
11.7
12
3
4
5
VREFIN (V)
VDD = 2.7V
VDD = 3.6V
VDD = 4.75V
VDD = 5.25V
VDD = 5V
VDD = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com