Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1544 Datasheet(PDF) 23 Page - ams AG

Part # AS1544
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1544 Datasheet(HTML) 23 Page - ams AG

Back Button AS1544 Datasheet HTML 19Page - ams AG AS1544 Datasheet HTML 20Page - ams AG AS1544 Datasheet HTML 21Page - ams AG AS1544 Datasheet HTML 22Page - ams AG AS1544 Datasheet HTML 23Page - ams AG AS1544 Datasheet HTML 24Page - ams AG AS1544 Datasheet HTML 25Page - ams AG AS1544 Datasheet HTML 26Page - ams AG AS1544 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
23 - 29
AS1543/44
Data Sheet - D e t a i l e d D e s c r i p t i o n
Auto Shutdown (PM1 = 0, PM0 = X)
In this mode, the AS1543/44 automatically enters shutdown after the 14th SLK falling edge of each conversion is
updated. When the device is in shutdown mode, the track/hold circuitry is in hold mode.
Note: The control register maintains its data while in shutdown mode.
Figure 34 shows the operation of the AS1543/44 when it is in automatic shutdown mode The AS1543/44 remains in
shutdown until the next CSN falling edge it receives. On this CSN falling edge, the track and hold that was in hold while
the device was in shutdown will return to track.
Note: Wake-up time from auto shutdown is 1µs.
Figure 34. Auto Shutdown Mode Operation
Notes:
1. Control register data is loaded on the 1st 13 SCLK cycles.
2. Set control register bits PM1 = 1 and PM0 = 1 to keep the device in normal mode.
When running the AS1543/44 with a 20MHz clock, one dummy cycle of 1µs (see Figure 34) (16 SCLKs plus
Track&Hold aquisation time) should be sufficient to ensure the part is fully powered up.
This dummy cycle effectively halves the throughput rate, with every other conversion result being valid. In this mode,
the power consumption of the part is greatly reduced with the part entering shutdown at the end of each conversion.
Note: The end of shutdown can be controlled by the CSN signal.
Power vs. Throughput Rate
By operating the AS1543/44 in auto shutdown (see page 23) the average power consumption of the ADC decreases at
lower throughput rates. The Power vs. Throughput Rate graph in the Typical Operating Characteristics section shows
how as the throughput rate is reduced, the part remains in its shutdown state longer and the average power consump-
tion over time drops accordingly.
If the AS1543/44 is operated in a continuous sampling mode with a throughput rate of 100ksps and a SCLK of 20 MHz
(VDD = 5V), with bit PM1 (page 14) = 0, i.e., the device is in auto shutdown mode (see page 23), then the power con-
sumption is calculated as follows:
The maximum power dissipation during normal operation is 18.4mW (VDD = 5.25V). If the power-up time from auto
shutdown is one dummy cycle (i.e., 1µs) and the remaining conversion time is another cycle (i.e., 1µs) then the
AS1543/44 will dissipate approximately 18.4mW for 2µs during each conversion cycle. For the remainder of the con-
version cycle (8µs), the device remains in shutdown mode. The AS1543/44 will dissipate approximately 2.5µW for the
remaining 8µs of the conversion cycle. If the throughput rate is 100ksps, the cycle time is 10µs and the average power
dissipated during each cycle is:
((2/10) x 18.4mW) + ((8/10) x 2.5µW) = 3.682mW
(EQ 1)
114 16
DOUT
Data into Control/Shadow Register
Data into Control/Shadow Register
Data into Control/Shadow Register
114 16
114 16
SCLK
DIN
Channel ID Bits + Conversion Results
Invalid Data
Channel ID Bits + Conversion Results
CSN
Device enters automatic
shutdown on 14th SCLK
falling edge as PM1 = 0
Device begins to power
up on falling CSN edge
and remains powered-up
on PM1=1 and PM0=1
Device is fully
powered up
Device enters shutdown
on the 14th SCLK falling
edge as PM1 = 0
Dummy Conversion
Valid Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com