Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1544 Datasheet(PDF) 1 Page - ams AG

Part # AS1544
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1544 Datasheet(HTML) 1 Page - ams AG

  AS1544 Datasheet HTML 1Page - ams AG AS1544 Datasheet HTML 2Page - ams AG AS1544 Datasheet HTML 3Page - ams AG AS1544 Datasheet HTML 4Page - ams AG AS1544 Datasheet HTML 5Page - ams AG AS1544 Datasheet HTML 6Page - ams AG AS1544 Datasheet HTML 7Page - ams AG AS1544 Datasheet HTML 8Page - ams AG AS1544 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
AS1543/44
8/4-Channel, 1 Msps , 12-Bit ADC with Sequencer
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 29
1 General Description
The AS1543/44 is a 12-bit high-speed, low-power, 8/4-
channel, successive-approximation ADC that operates
from a single 2.7 to 5.25V supply. The device features
high throughput rates (1Msps) and a low-noise, wide-
bandwidth track-and-hold amplifier that can handle input
frequencies in excess of 1 MHz.
The AS1543 features 8 single-ended or 4 fully differen-
tial analog inputs while the AS1544 offers 4 single-
ended or 2 fully differential analog inputs. Both include a
channel sequencer to allow a programmed selection of
channels to be converted sequentially. The conversion
time is determined by the SCLK frequency (also used as
the master clock to control the conversion).
The conversion process and data acquisition are con-
trolled using a chip select pin and a serial clock signal,
allowing the device to easily interface with microproces-
sors or DSPs. The input signal is sampled on the falling
edge of CSN and conversion is also initiated at this
point. There are no pipeline delays associated with the
device.
The AS1543/44 uses advanced design techniques to
achieve very low power dissipation at high throughput
rates. At maximum throughput rates, the AS1543/44
consumes just 2.8mA (@3.6V), and 3.5mA (@5.25V).
By using internal control register, single-ended or fully-
differential conversion mode with different input ranges
can be used with either straight binary or twos comple-
ment output coding.
The device is available in a TQFN(4x4)-20 pin package.
Figure 1. Typical Application
2 Key Features
!
Single Supply Operation with VDRIVE Function:
2.7 to 5.25V
!
Fast Throughput Rate: 1 Msps
!
Sequencer & Channel Counter
!
Software-Configurable Analog Input Types:
- 8/4-Channel Single-Ended
- 4/2-Channel Fully-Differential
!
Software-Configurable Input Range
!
Low Power Consumption at Max Throughput Rates:
- 10.1mW @ 1Msps (3.6V Supply)
- 18.4mW @ 1Msps (5.25V Supply)
!
Shutdown Mode Current: 0.5µA
!
Flexible Power/Serial Clock Speed Management
!
Wide Input Bandwidth: 71dB SNR @ 50 kHz Input
Frequency
!
No Pipeline Delays
!
High Speed SPI/QSPI/Microwire/DSP Interface
!
TQFN(4x4)-20 Package
3 Applications
The devices are ideal for remote sensors, data-acquisi-
tion and data-logging devices, pen-digitizers, process
control, or any other space-limited A/D application with
low power-consumption requirements.
SCLK
AS1543
REFIN
CSN
VIN0:7
DOUT
AGND
Multiplexer
8
Track/
Hold
VDD
Sequencer
Control
Logic
12-Bit
ADC
DIN
VDRIVE
GND
DGND


Similar Part No. - AS1544

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1540-BQFT AMSCO-AS1540-BQFT Datasheet
749Kb / 20P
8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1541 AMSCO-AS1541 Datasheet
750Kb / 20P
8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
AS1541 AMSCO-AS1541 Datasheet
746Kb / 20P
8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
AS1541-BQFT AMSCO-AS1541-BQFT Datasheet
746Kb / 20P
8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
AS1541-BTST AMSCO-AS1541-BTST Datasheet
750Kb / 20P
8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
More results

Similar Description - AS1544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490 AD-AD7490 Datasheet
2Mb / 24P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
10/02-Data Sheet changed from REV. 0 to REV. A.
AD7904 AD-AD7904 Datasheet
411Kb / 24P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV.0
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com