Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1544 Datasheet(PDF) 10 Page - ams AG

Part # AS1544
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1544 Datasheet(HTML) 10 Page - ams AG

Back Button AS1544 Datasheet HTML 6Page - ams AG AS1544 Datasheet HTML 7Page - ams AG AS1544 Datasheet HTML 8Page - ams AG AS1544 Datasheet HTML 9Page - ams AG AS1544 Datasheet HTML 10Page - ams AG AS1544 Datasheet HTML 11Page - ams AG AS1544 Datasheet HTML 12Page - ams AG AS1544 Datasheet HTML 13Page - ams AG AS1544 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
10 - 29
AS1543/44
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 11. THD vs. Input Signal Frequency
Figure 12. SINAD vs. Input Signal Frequency
Figure 13. THD vs. Input Signal Frequency
Figure 14. SINAD vs. Input Signal Frequency
55
60
65
70
75
10
100
1000
Frequency (kHz)
-90
-85
-80
-75
-70
-65
-60
-55
10
100
1000
Frequency (kHz)
VDD = 2.7V
VDD = 3.6V
VDD = 4.75V
VDD = 5.25V
VDD = 2.7V
VDD = 3.6V
VDD = 5.25V
VDD = 4.75V
-90
-85
-80
-75
-70
-65
-60
10
100
1000
Frequency (kHz)
10Ohm
50Ohm
100Ohm
1k Ohm
60
62
64
66
68
70
72
74
10
100
1000
Frequency (kHz)
10Ohm
50Ohm
100Ohm
1kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com