Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1544 Datasheet(PDF) 11 Page - ams AG

Part # AS1544
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1544 Datasheet(HTML) 11 Page - ams AG

Back Button AS1544 Datasheet HTML 7Page - ams AG AS1544 Datasheet HTML 8Page - ams AG AS1544 Datasheet HTML 9Page - ams AG AS1544 Datasheet HTML 10Page - ams AG AS1544 Datasheet HTML 11Page - ams AG AS1544 Datasheet HTML 12Page - ams AG AS1544 Datasheet HTML 13Page - ams AG AS1544 Datasheet HTML 14Page - ams AG AS1544 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 29
AS1543/44
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 15. Supply Current vs. Supply Voltage
Figure 16. Supply Current vs. Temperature
Figure 17. Shutdown Supply Current vs. VDD
Figure 18. Shutdown Supply Current vs. Temp.
Figure 19. Supply Current vs. Throughput Rate
Figure 20. PSRR vs. Supply Signal Frequency
1
1.5
2
2.5
3
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
Static
fMAX
2.8
2.9
3
3.1
3.2
-40
-15
10
35
60
85
Tem perature (°C)
1
2
3
4
5
6
7
8
9
10
2.73.2
3.74.2
4.75.2
Supply Voltage (V)
0
10
20
30
40
50
-40
-15
10
35
60
85
Tem perature (°C)
0.001
0.01
0.1
1
10
0.1
10
1000
Throughput Rate (ks ps )
-90
-85
-80
-75
-70
-65
-60
0
200
400
600
800
1000
Ripple Frequency (kHz)
VDD = 5V
VDD = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com