Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1544 Datasheet(PDF) 6 Page - ams AG

Part # AS1544
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1544 Datasheet(HTML) 6 Page - ams AG

Back Button AS1544 Datasheet HTML 2Page - ams AG AS1544 Datasheet HTML 3Page - ams AG AS1544 Datasheet HTML 4Page - ams AG AS1544 Datasheet HTML 5Page - ams AG AS1544 Datasheet HTML 6Page - ams AG AS1544 Datasheet HTML 7Page - ams AG AS1544 Datasheet HTML 8Page - ams AG AS1544 Datasheet HTML 9Page - ams AG AS1544 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
6 - 29
AS1543/44
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Conversion Rate
tCONV
Conversion Time
16 SCLK Cycles, SCLK = 20MHz
800
ns
Track-and-Hold Acquisition
Time
300
ns
Throughput Rate
1
Msps
Aperture Delay
4
ns
Aperture Jitter
50
ps
Analog Input
VINx
Input Voltage Ranges
Bit SE/FDN = 1
Bit RANGE = 1
0
VREFIN
V
Bit RANGE = 0
0
2 x
VREFIN
VINx - VINy
Differential Input Voltage
Ranges
Bit SE/FDN = 0
Bit RANGE = 1
-VREFIN/
2
VREFIN/
2
V
Bit RANGE = 0
-VREFIN
VREFIN
VCMIN
Input Common Mode
Voltage
Bit SE/FDN = 0
Bit RANGE = 1
VREFIN/2
VDD -
VREFIN/
2
V
Bit RANGE = 0
VREFIN
VDD -
VREFIN
DC Leakage Current
-1
+1
µA
Input Capacitance
20
pF
Reference Input
REFIN Input Voltage
1
2.5V ±1% for Specified Performance
1
VDD
V
DC Leakage Current
±1
µA
REFIN Input Impedance
fSAMPLE = 1Msps
44
k
Ω
Digital Inputs: CSN, SCLK, DIN
VIH
Input High Voltage
0.7 x
VDRIVE
V
VIL
Input Low Voltage
0.3 x
VDRIVE
V
IIN
Input Current,
VIN = 0V or VDRIVE
-1
+1
µA
CIN
Input Capacitance
5
pF
Digital Output: DOUT
VOH
Output High Voltage
ISOURCE = 200µA; VDD = 2.7 to 5.25V
VDRIVE
- 0.2
V
VOL
Output Low Voltage
ISINK = 200µA
0.4
V
Floating-State
Leakage Current
Bit WEAK/TRIN (page 14) set to 0
-1
+1
µA
Floating-State
Output Capacitance
Bit WEAK/TRIN set to 0
10
pF
Output Coding
Bit CODING (page 14) set to 1
Straight (natural) binary
Bit CODING set to 0
Two’s complement
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com