Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311ASST Datasheet(PDF) 9 Page - ams AG

Part # AS5311ASST
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311ASST Datasheet(HTML) 9 Page - ams AG

Back Button AS5311ASST Datasheet HTML 5Page - ams AG AS5311ASST Datasheet HTML 6Page - ams AG AS5311ASST Datasheet HTML 7Page - ams AG AS5311ASST Datasheet HTML 8Page - ams AG AS5311ASST Datasheet HTML 9Page - ams AG AS5311ASST Datasheet HTML 10Page - ams AG AS5311ASST Datasheet HTML 11Page - ams AG AS5311ASST Datasheet HTML 12Page - ams AG AS5311ASST Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
9 - 23
Parameter
Symbol
Min
Typ
Max
Unit
Note
Integral non-linearity (over
temperature)
INLtemp
± 10
μm
Maximum error with respect to the
best line fit. Ideal magnet
Tamb = -30 to +70 °C.
Differential non-linearity
DNL
±0.97
μm
10bit, no missing codes
Transition noise
TN
0.6
μm
RMS
1 sigma
Power-on reset thresholds
On voltage; 300mV typ.
hysteresis
Off voltage; 300mV typ.
hysteresis
Von
Voff
1.37
1.08
2.2
1.9
2.9
2.6
V
DC supply voltage 3.3V (VDD3V3)
DC supply voltage 3.3V (VDD3V3)
Power-up time
tPwrUp
20
ms
Until status bit OCF = 1
System propagation delay
absolute output :
tdelay
96
µs
Delay of ADC, DSP and absolute
interface
System propagation delay
incremental output
tdelay
384
µs
Including interpolation delay at
high speeds
9.90
10.42
10.94
Tamb = 25°C
Internal sampling rate for
absolute output
fS
9.38
10.42
11.46
kHz
Tamb = -40 to +125°C,
Hysteresis, incremental
outputs
Hyst
2
LSB
No Hysteresis at absolute serial
outputs
Read-out frequency
CLK
1
MHz
Max. clock frequency to read out
serial data
Integral Non-Linearity (INL) is the maximum deviation between actual position and indicated position.
Differential Non-Linearity (DNL) is the maximum deviation of the step length from one position to the next.
Transition Noise (TN) is the repeatability of an indicated position.
6.6
Timing Characteristics
6.6.1
Synchronous Serial Interface (SSI)
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0~3.6V (3V operation) VDD5V = 4.5~5.5V (5V operation) unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Data output activated
(logic high)
t DO active
100
ns
Time between falling edge of CSn and
data output activated
First data shifted to
output register
tCLK FE
500
ns
Time between falling edge of CSn and
first falling edge of CLK
Start of data output
T CLK / 2
500
ns
Rising edge of CLK shifts out one bit at
a time
Data output valid
t DO valid
413
ns
Time between rising edge of CLK and
data output valid
Data output tristate
t DO
tristate
100
ns
After the last bit DO changes back to
“tristate”
Pulse width of CSn
t CSn
500
ns
CSn = high; To initiate read-out of next
angular position
Read-out frequency
fCLK
>0
1
MHz
Clock frequency to read out serial data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com