Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311ASST Datasheet(PDF) 13 Page - ams AG

Part # AS5311ASST
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311ASST Datasheet(HTML) 13 Page - ams AG

Back Button AS5311ASST Datasheet HTML 9Page - ams AG AS5311ASST Datasheet HTML 10Page - ams AG AS5311ASST Datasheet HTML 11Page - ams AG AS5311ASST Datasheet HTML 12Page - ams AG AS5311ASST Datasheet HTML 13Page - ams AG AS5311ASST Datasheet HTML 14Page - ams AG AS5311ASST Datasheet HTML 15Page - ams AG AS5311ASST Datasheet HTML 16Page - ams AG AS5311ASST Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
13 - 23
A value of zero or close to zero indicates a missing magnet.
Figure 9: Synchronous Serial Interface with Magnetic Field Strength Data
0
1
0
0
0
0
M6
M5
M4
M3
M2
M1
M0
OCF COF
LIN
Mag
INC
Mag
DEC
Even
PAR
D11
1
18
8
tCLK FE
tCSn
tDO Tristate
Status Bits
Magnetic field strength data
tDO valid
tDO active
TCLK/2
CSn
DO
CLK
If CSn changes to logic low, Data Out (DO) will change from high impedance (tri-state) to logic high and the
read-out will be initiated.
After a minimum time tCLK FE, data is latched into the output shift register with the first falling edge of CLK.
Each subsequent rising CLK edge shifts out one bit of data.
The serial word contains 18 bits, if CLK is high at the falling edge of CSn (Figure 8), the first 12 bits are the
absolute distance information D[11:0], the subsequent 6 bits contain system information, about the validity
of data such as OCF, COF, LIN, Parity and Magnetic Field status (increase/decrease).
If CLK is low at the falling edge of CSn (Figure 9), the first 12 bits contain the magnitude information
(range = 00…7F hex) and the subsequent bits contain the status bits (see above)
A subsequent measurement is initiated by a “high” pulse at CSn with a minimum duration of tCSn.
7.3.1
Data Contents
D11:D0 absolute linear position data (MSB is clocked out first)
M11:M0 magnitude / magnetic field strength information (MSB is clocked out first)
OCF
(Offset Compensation Finished), logic high indicates the finished Offset Compensation Algorithm
COF
(Cordic Overflow), logic high indicates an out of range error in the CORDIC part. When this bit is set,
the data at D11:D0 (likewise M11:M0) is invalid.
This alarm may be resolved by bringing the magnet within the X-Y-Z tolerance limits.
LIN
(Linearity Alarm), logic high indicates that the input field generates a critical output linearity.
When this bit is set, the data at D11:D0 may still be used, but can contain invalid data. This warning can be
resolved by increasing the magnetic field strength.
Even Parity
bit for transmission error detection of bits 1…17 (D11…D0, OCF, COF, LIN, MagINC, MagDEC)
Data D11:D0 is valid, when the status bits have the following configurations:
Table 4: Status Bit Outputs
OCF
COF
LIN
Mag
INC
Mag
DEC
Parity
0
0
0
1
1
0
1
0
0
1*)
1*)
even checksum of bits 1:15
*) MagInc=MagDec=1 is only recommended in YELLOW mode (see Table 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com