Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311ASST Datasheet(PDF) 19 Page - ams AG

Part # AS5311ASST
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311ASST Datasheet(HTML) 19 Page - ams AG

Back Button AS5311ASST Datasheet HTML 15Page - ams AG AS5311ASST Datasheet HTML 16Page - ams AG AS5311ASST Datasheet HTML 17Page - ams AG AS5311ASST Datasheet HTML 18Page - ams AG AS5311ASST Datasheet HTML 19Page - ams AG AS5311ASST Datasheet HTML 20Page - ams AG AS5311ASST Datasheet HTML 21Page - ams AG AS5311ASST Datasheet HTML 22Page - ams AG AS5311ASST Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
19 - 23
11 Measurement Data Example
Figure 15 shows typical test results of the accuracy obtained by a commercially available multi-pole magnetic
strip.
The graph shows the accuracy over a stroke of 8mm at two different vertical gaps, 0.2mm and 0.4mm. As
displayed, the accuracy is virtually identical (about +/- 10µm) for both airgaps due to the automatic gain control
of the AS5311 which compensates for airgap changes.
The accuracy depends greatly on the length and strength of each pole and hence from the precision of the tool
used for magnetization as well as the homogeneity of the magnet material. As the error curve in the example
below does not show a repetitive pattern for each pole pair (each 2.0mm), this is most likely an indication that
the pole lengths of this particular sample do not exactly match. While the first pole pair (0...2mm) shows the
greatest nonlinearities, the second pole (2…4mm) is very precise, etc…
Figure 15: Sample Test Results of INL at Different Airgaps
INL MS10-10
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
6000
7000
8000
X [µm]
z= 200µ
z= 400µ
Note: the magnet sample used in Figure 15 is a 10-pole plastic bonded ferrite magnet as shown in Figure 13.
The corresponding magnet datasheet (MS10-10) is available for download from the austriamicrosystems
website, magnet samples can be ordered from the austriamicrosystems online web shop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com