Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311ASST Datasheet(PDF) 16 Page - ams AG

Part # AS5311ASST
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311ASST Datasheet(HTML) 16 Page - ams AG

Back Button AS5311ASST Datasheet HTML 12Page - ams AG AS5311ASST Datasheet HTML 13Page - ams AG AS5311ASST Datasheet HTML 14Page - ams AG AS5311ASST Datasheet HTML 15Page - ams AG AS5311ASST Datasheet HTML 16Page - ams AG AS5311ASST Datasheet HTML 17Page - ams AG AS5311ASST Datasheet HTML 18Page - ams AG AS5311ASST Datasheet HTML 19Page - ams AG AS5311ASST Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
16 - 23
Figure 11: Connections for 5V and 3.3V Supply Voltages
LDO
I
N
T
E
R
F
A
C
E
2.2...10µF
100n
4.5 - 5.5V
VDD3V3
VSS
VDD5V
5V Operation
Internal
VDD
LDO
100n
3.0 - 3.6V
VDD3V3
VSS
VDD5V
3.3V Operation
Internal
VDD
I
N
T
E
R
F
A
C
E
Prog
Prog
AS5311
AS5311
PWM
Index
B
A
CSn
CLK
DO
PWM
Index
B
A
CSn
CLK
DO
10 Magnet Specifications
10.1 Magnetization
The AS5311 accepts magnetic multi-pole strip or ring magnets with a pole length of 1.0mm. Recommended
magnet materials include plastic or rubber bonded ferrite or Neodymium magnets.
It is not recommended to use the AS5311 with other pole lengths as this will create additional nonlinearities.
Figure 12: Additional Error from Pole Length Mismatch
Figure 12 shows the error caused by a mismatch of pole length. Note that this error is an additional error on top
of the chip-internal INL and DNL errors (see 6.5). For example, when using a multi-pole magnet with 1.2mm pole
length instead of 1.0mm, the AS5311 will provide 1024 incremental steps or 4096 absolute positions over
2.4mm, but with an additional linearity error of up to 50µm.
The curvature of ring magnets may cause linearity errors as well due to the fact that the Hall array on the chip is
a straight line while the poles on the multi-pole ring are curved. These errors decrease with increasing ring
diameter. It is therefore recommended to keep the ring diameter measured at the location of the Hall array at
20mm or higher.
AS5311 Systematic Linearity Error Caused by Pole
Length Deviation
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
750 800 850 900 950 1000 1050 1100 1150 1200 1250
Pole Length [µm]
Error
[µm]
Error [µm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com