Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311ASST Datasheet(PDF) 10 Page - ams AG

Part # AS5311ASST
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311ASST Datasheet(HTML) 10 Page - ams AG

Back Button AS5311ASST Datasheet HTML 6Page - ams AG AS5311ASST Datasheet HTML 7Page - ams AG AS5311ASST Datasheet HTML 8Page - ams AG AS5311ASST Datasheet HTML 9Page - ams AG AS5311ASST Datasheet HTML 10Page - ams AG AS5311ASST Datasheet HTML 11Page - ams AG AS5311ASST Datasheet HTML 12Page - ams AG AS5311ASST Datasheet HTML 13Page - ams AG AS5311ASST Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
10 - 23
6.6.2
Pulse Width Modulation Output
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0~3.6V (3V operation) VDD5V = 4.5~5.5V (5V operation) unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Note
232
244
256
Signal period = 4098µs
±5% at Tamb =
25°C
PWM frequency
f PWM
220
244
268
Hz
= 4098µs
±10% at Tamb = -40 to +125°C
Minimum pulse width
PW MIN
0.9
1
1.1
µs
Position 0d =0µm
Maximum pulse width
PW MAX
3892
4097
4301
µs
Position 4095d = 1999.5µm
7
Detailed Description
The different types of outputs relative to the magnet position are outlined in Figure 5 below.
The absolute serial output counts from 0….4095 within one pole pair and repeats with each subsequent pole
pair.
Likewise, the PWM output starts with a pulse width of 1µs, increases the pulse width with every step of 0.488µm
and reaches a maximum pulse width of 4097µs at the end of each pole pair.
An index pulse is generated once for every pole pair.
256 incremental pulses are generated at each output A and B for every pole pair. The outputs A and B are
phase shifted by 90 electrical degrees, which results in 1024 edges per pole pair. As the incremental outputs are
also repeated with every pole pair, a constant train of pulses is generated as the magnet moves over the chip.
Figure 5: AS5311 Outputs Relative to Magnet Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com