Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311ASST Datasheet(PDF) 15 Page - ams AG

Part # AS5311ASST
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311ASST Datasheet(HTML) 15 Page - ams AG

Back Button AS5311ASST Datasheet HTML 11Page - ams AG AS5311ASST Datasheet HTML 12Page - ams AG AS5311ASST Datasheet HTML 13Page - ams AG AS5311ASST Datasheet HTML 14Page - ams AG AS5311ASST Datasheet HTML 15Page - ams AG AS5311ASST Datasheet HTML 16Page - ams AG AS5311ASST Datasheet HTML 17Page - ams AG AS5311ASST Datasheet HTML 18Page - ams AG AS5311ASST Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
15 - 23
8
Pulse Width Modulation (PWM) Output
The AS5311 provides a pulse width modulated output (PWM), whose duty cycle is proportional to the relative
linear position of the magnet within one pole pair (2.0mm). This cycle repeats after every subsequent pole pair:
() 1
4098 −
+
=
off
on
on
t
t
t
Position
for digital position = 0 – 4094
Exception:
A linear position of 1999.5µm = digital position 4095
will generate a pulse width of ton = 4097µs and a pause toff = 1µs
The PWM frequency is internally trimmed to an accuracy of
±5% (±10% over full temperature range). This
tolerance can be cancelled by measuring the complete duty cycle as shown above.
Figure 10: PWM Output Signal
1/fPWM
Position
1999.5µm
(Pos 4095)
0µm
(Pos 0)
1µs
4098µs
PWMIN
PWMAX
4097µs
9
3.3V / 5V Operation
The AS5311 operates either at 3.3V ±10% or at 5V ±10%. This is made possible by an internal 3.3V Low-
Dropout (LDO) Voltage regulator. The internal supply voltage is always taken from the output of the LDO,
meaning that the internal blocks are always operating at 3.3V.
For 3.3V operation, the LDO must be bypassed by connecting VDD3V3 with VDD5V (see Figure 11).
For 5V operation, the 5V supply is connected to pin VDD5V, while VDD3V3 (LDO output) must be buffered by a
2.2...10µF capacitor, which is supposed to be placed close to the supply pin.
The VDD3V3 output is intended for internal use only It must not be loaded with an external load.
The output voltage of the digital interface I/O’s corresponds to the voltage at pin VDD5V, as the I/O buffers are
supplied from this pin.
A buffer capacitor of 100nF is recommended in both cases close to pin VDD5V. Note that pin VDD3V3 must
always be buffered by a capacitor. It must not be left floating, as this may cause an instable internal 3.3V supply
voltage which may lead to larger than normal jitter of the measured angle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com