Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8520 Datasheet(PDF) 10 Page - ams AG

Part # AS8520
Description  LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8520 Datasheet(HTML) 10 Page - ams AG

Back Button AS8520 Datasheet HTML 6Page - ams AG AS8520 Datasheet HTML 7Page - ams AG AS8520 Datasheet HTML 8Page - ams AG AS8520 Datasheet HTML 9Page - ams AG AS8520 Datasheet HTML 10Page - ams AG AS8520 Datasheet HTML 11Page - ams AG AS8520 Datasheet HTML 12Page - ams AG AS8520 Datasheet HTML 13Page - ams AG AS8520 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8520
Revision 0.01
10 - 34
AS8520
Preliminary Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
D4
(worst case
10.4kbps
transmission)
Vth_rec (min) = 0.389 x VSUP;
Vth_dom (min) = 0.251 x VSUP;
VSUP = 6V...18V; tbit = 96μs;
D4 = tbus_rec(max) / (2 x tbit)
OTP selection = Low Slew Mode
0.59
tdLR
VCC = 5v; Propagation delay bus dominant
to RX LOW
6µs
tdHR
VCC = 5v; Propagation delay bus dominant
to RX HIGH
6µs
tRS
Receiver Delay symmetry
-2
2
µs
twake
Wake-up delay time
30
150
µs
tsln
Transition from standby mode to normal
mode (clock frequency is 128KHz ± 25%)
4
Clock
cycles
tnsl
Transition from normal mode to standby
mode (clock frequency is 128KHz ± 25%)
6
Clock
cycles
trec_deb
Receiver De-bounce time
0.6
1
µs
Cint
Internal capacitance of the LIN node
configured as a slave
250
pF
Table 8. Temperature Limiter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tsd
Shut down temperature
junction temperature
144
176
ºC
Tret
Return temperature
1 2
126
154
ºC
Totset
Over-temp warning flag set
The temperature beyond which the warning
flag is set.
126
154
ºC
Totclear
Over-temp warning flag clear
The return temperature when the warning
flag is cleared
108
132
ºC
1. During shut down, the sensor must be powered by VSUP.
2. Thermal shut down disables LDO and sets all drivers to high impedance, the IC returns from shut down with POR
Table 9. TX Timeout Watchdog
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tlin_wdog
Time out duration (dominant state)
0.5
1
2
s
Table 7. AC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com