Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8520 Datasheet(PDF) 17 Page - ams AG

Part # AS8520
Description  LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8520 Datasheet(HTML) 17 Page - ams AG

Back Button AS8520 Datasheet HTML 13Page - ams AG AS8520 Datasheet HTML 14Page - ams AG AS8520 Datasheet HTML 15Page - ams AG AS8520 Datasheet HTML 16Page - ams AG AS8520 Datasheet HTML 17Page - ams AG AS8520 Datasheet HTML 18Page - ams AG AS8520 Datasheet HTML 19Page - ams AG AS8520 Datasheet HTML 20Page - ams AG AS8520 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8520
Revision 0.01
17 - 34
AS8520
Preliminary Data Sheet - D e t a i l e d D e s c r i p t i o n
7.2.2 Standby Mode
Standby mode is a functional low-power mode where the LDO is switched into a low-power state with low drive capability and lower accuracy of
the output voltage. LIN Transceiver is disabled. The LIN wake-up circuit and over-temperature monitor circuit is enabled. Window watchdog, TX
timeout watchdog, Resistive divider, relay driver circuits are disabled. EN pin held low in this mode. TX pin is in recessive state (high). CS is
pulled to VCC while SDI and SCLK outputs are pulled to VSS.
7.2.3 Sleep Mode
As a factory programming option on request the AS8520 offers as a replacement to the standby mode with sleep mode. Sleep mode is the most
current saving mode. If EN is held low, the LDO, LIN Transceiver, the gate drivers, the resistive divider and the reset and window watchdog unit
will be switched off. VCC is pulled down to zero. CS is low. The LIN wake-up circuit, oscillator and over-temperature monitor circuit is active. LIN
bus is in recessive state (high). Only wake-up possible is through remote wake-up, through LIN pin, pulling it to dominant state for 100µs typical
(low), can change the state of the system.
7.2.4 Temporary Shutdown Mode
In this mode, the VCC is pulled down and the LDO is powered down. This mode is introduced to interface with other components which do not
have a pin for the reset functionality. This provides an alternative way to reset those components interfacing with AS8520. This mode is default
disabled but can be enabled by an OTP option. In this mode, all internal modules supplied by the LDO are disabled. Only the oscillator, control
registers are enabled. The VCC output can be temporarily switched off and pulled to VSS. EN signal, RX, TX is pulled low and LIN Transceiver
along with the LIN wake-up circuit is powered down. No remote wake-up functionality is possible. LIN bus enters into recessive state. The
system goes out of this mode to normal mode after the time-out of an internal counter delay (Tshd). Normal mode to temporary shutdown
transition will be controller by register bit in configuration register.
7.2.5 Thermal Shutdown State
If the junction temperature TJ is higher than Tsd, the AS8520 will be switched into the thermal shutdown mode. The transceiver is completely
disabled. No wake-up functionality is available. Window watchdog, TX timeout watchdog and LDO are completely turned off. Only the over-
temperature monitor would be working. As soon as the temperature returns back to Tret, the system enters normal mode. For more information
on transition, see Table 14.
Table 14. Transition Table
Transition
Interface
Reg.
0x05
D0
Flags
From mode
To mode
LIN
RX
TX
EN
rwake Uvbat
OT
Uvcc
Comments
Normal
Mode
Stand-By
X-RS
X-H
2
H
3
H-L
3
L
X
X
inactive
inactive
TX is high for
TSTNDY_triggerr
Sleep
1
X-RS
X-H
2
H
3
H-L
3
L
X
X
inactive
set
TX is high for
TSTNDY_triggerr
1
Temporary
Shutdown
X-RS
X-H
2
X
H
3
H
X
X
inactive
set
The Control Bit is set
through the 4-Wire
SPI interface
Over-
Temperature
X-RS
X-H
2
XX
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)
Stand-By
Mode
Normal (LW)
X
H-X
2
X
L-H
3
L
X
X
inactive
inactive
Normal (RW)
X
H-X
2
H
X
L
set
X
inactive
inactive
Remote Wake up
Event occurred on
LIN
Temporary
Shutdown
RS
H
2
HL
H
3
XX
inactive
set
The Control Bit is set
through the 4-Wire
SPI interface
Over-
Temperature
RS
H
2
HL
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com